Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 122Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 123Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 124Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 125Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 126Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 127Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 128Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 129Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 217 page
background image
PIC16C5X
PIC16CR57B
DS30453B-page 126
Preliminary
© 1998 Microchip Technology Inc.
1TOSC
External CLKIN Period
(2)
250
—
—
ns
XT osc mode
250
—
—
ns
HS osc mode (04)
100
—
—
ns
HS osc mode (10)
50
—
—
ns
HS osc mode (20)
5.0
—
—
µs
LP osc mode
Oscillator Period
(2)
250
—
—
ns
RC osc mode
250
—
10,000
ns
XT osc mode
250
—
250
ns
HS osc mode (04)
100
—
250
ns
HS osc mode (10)
50
—
250
ns
HS osc mode (20)
5.0
—
200
µs
LP osc mode
2TCY
Instruction Cycle Time
(3)
—
4/FOSC
——
3
TosL, TosH
Clock in (OSC1) Low or High Time
85*
—
—
ns
XT oscillator
20*
—
—
ns
HS oscillator
2.0*
—
—
µs
LP oscillator
4
TosR, TosF Clock in (OSC1) Rise or Fall Time
—
—
25*
ns
XT oscillator
—
—
25*
ns
HS oscillator
—
—
50*
ns
LP oscillator
TABLE 15-2:
EXTERNAL CLOCK TIMING REQUIREMENTS - PIC16CR57B (CON’T)
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–40
°C ≤ TA ≤ +85°C (industrial)
–40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 15.1, Section 15.2 and Section 15.3.
Parameter
No.
Sym
Characteristic
Min
Typ
(1)
Max
Units
Conditions
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
2:
All specified values are based on characterization data for that particular oscillator type under standard operating
conditions with the device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
3:
Instruction cycle period (TCY) equals four times the input oscillator time base period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com