Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 128Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 129Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 130Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 131Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 132Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 133Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 134Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 135Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 217 page
background image
PIC16C5X
PIC16C58A
DS30453B-page 132
Preliminary
© 1998 Microchip Technology Inc.
TABLE 16-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16C58A-04
PIC16C58A-10
PIC16C58A-20
PIC16LC58A-04
RC
VDD: 3.0V to 6.25V
IDD:
2.5 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
0.5 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
XT
VDD: 3.0V to 6.25V
IDD
2.5 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
0.5 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
HS
N/A
VDD: 4.5V to 5.5V
IDD:
8.0 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 10 MHz max.
VDD: 4.5V to 5.5V
IDD:
17 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 20 MHz max.
N/A
LP
VDD: 3.0V to 6.25V
IDD:
15
µA typ. at
32kHz, 3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 200 kHz max.
N/A
N/A
VDD: 2.5V to 6.25V
IDD:
28
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which should work by design, but are not
tested. It is recommended that the user select the device type from information in unshaded
sections.
OSC
PIC16C58A/JW
PIC16LV58A-02
RC
VDD: 3.0V to 6.25V
IDD:
2.5 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 2.0V to 3.8V
IDD:
0.5 mA typ. at
3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 2.0 MHz max.
XT
VDD: 3.0V to 6.25V
IDD
2.5 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 2.0V to 3.8V
IDD:
0.5 mA typ. at
3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 2.0 MHz max.
HS
VDD: 4.5V to 5.5V
IDD:
17 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 20 MHz max.
N/A
LP
VDD: 2.5V to 6.25V
IDD:
28
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
VDD: 2.0V to 3.8V
IDD:
27
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections
which should work by design, but are not tested. It
is recommended that the user select the device
type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com