Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 135Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 136Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 137Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 138Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 139Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 140Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 141Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 142Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 139
PIC16C58A
PIC16C5X
16.7
Timing Diagrams and Specifications
FIGURE 16-2: EXTERNAL CLOCK TIMING - PIC16C58A
TABLE 16-2:
EXTERNAL CLOCK TIMING REQUIREMENTS - PIC16C58A
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–40
°C ≤ TA ≤ +85°C (industrial)
–20
°C ≤ TA ≤ +85°C (industrial - PIC16LV58A)
–40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 16.1, Section 16.2 and Section 16.3.
Parameter
No.
Sym
Characteristic
Min
Typ
(1)
Max
Units
Conditions
FOSC
External CLKIN Frequency
(2)
DC
—
4.0
MHz
XT osc mode
DC
—
2.0
MHz
XT osc mode (PIC16LV58A)
DC
—
4.0
MHz
HS osc mode (04)
DC
—
10
MHz
HS osc mode (10)
DC
—
20
MHz
HS osc mode (20)
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(2)
DC
—
4.0
MHz
RC osc mode
DC
—
2.0
MHz
RC osc mode (PIC16LV58A)
0.1
—
4.0
MHz
XT osc mode
0.1
—
2.0
MHz
XT osc mode (PIC16LV58A)
4.0
—
4.0
MHz
HS osc mode (04)
4.0
—
10
MHz
HS osc mode (10)
4.0
—
20
MHz
HS osc mode (20)
5.0
—
200
kHz
LP osc mode
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
2:
All specified values are based on characterization data for that particular oscillator type under standard operating
conditions with the device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
3:
Instruction cycle period (TCY) equals four times the input oscillator time base period.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com