Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 142Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 143Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 144Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 145Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 146Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 147Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 148Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 149Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 217 page
background image
PIC16C5X
PIC16CR58A
DS30453B-page 146
Preliminary
© 1998 Microchip Technology Inc.
TABLE 17-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16CR58A-04
PIC16CR58A-10
PIC16CR58A-20
PIC16LCR58A-04
RC
VDD: 3.0V to 6.25V
IDD:
2.5 mA max at 5.5V
IPD:
4.0
µA max at 3.0V,
WDT dis
Freq: 4.0 MHz max
N/A
N/A
N/A
XT
VDD: 3.0V to 6.25V
IDD:
2.5 mA max at 5.5V
IPD:
4.0
µA max at 3.0V,
WDT dis
Freq: 4.0 MHz max
N/A
N/A
N/A
HS
N/A
VDD: 4.5V to 5.5V
IDD:
8.0 mA max at 5.5V
IPD:
4.0
µA max at 3.0V,
WDT dis
Freq: 10 MHz max
VDD: 4.5V to 5.5V
IDD:
17 mA max at 5.5V
IPD:
4.0
µA max at 3.0V,
WDT dis
Freq: 20 MHz max
N/A
LP
N/A
N/A
N/A
VDD: 2.5V to 6.25V
IDD:
28
µA max at 32 kHz,
2.5V
IPD:
4.0
µA max at 2.5V,
WDT dis
Freq: 200 kHz max
The shaded sections indicate oscillator selections which should work by design, but are not tested. It is recommended
that the user select the device type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com