Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 162Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 163Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 164Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 165Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 166Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 167Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 168Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 169Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 217 page
background image
PIC16C5X
PIC16C54A/CR57B/C58A/CR58A
DS30453B-page 166
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 18-14: TYPICAL IDD vs. FREQUENCY (WDT DIS, RC MODE @ 300 PF, 25
°C)
FIGURE 18-15: MAXIMUM IDD vs. FREQUENCY (WDT DIS, RC MODE @ 300 PF, –40
°C TO +85°C)
(@
p
)
10
100
1000
10000
10000
100000
1000000
Freq(Hz)
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
6.0V
10
100
1000
10000
10000
100000
1000000
Freq(Hz)
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com