Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC820 Datasheet HTML 2Page - Microchip Technology TC820 Datasheet HTML 3Page - Microchip Technology TC820 Datasheet HTML 4Page - Microchip Technology TC820 Datasheet HTML 5Page - Microchip Technology TC820 Datasheet HTML 6Page - Microchip Technology TC820 Datasheet HTML 7Page - Microchip Technology TC820 Datasheet HTML 8Page - Microchip Technology TC820 Datasheet HTML 9Page - Microchip Technology TC820 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TC820
DS21476B-page 6
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
(40-PDIP)
Pin Number
(44-PQFP)
Symbol
Description
1
40
L-E4
LCD segment driver for L ("logic LOW"), polarity, and "e" segment of most significant
digit (MSD).
2
41
AGD4
LCD segment drive for "a," "g," and "d" segments of MSD.
3
42
BC4P3
LCD segment drive for "b" and "c" segments of MSD and decimal point 3.
4
43
HFE3
LCD segment drive for H ("logic HIGH"), and "f" and "e" segments of third LSD.
5
44
AGD3
LCD segment drive for "a," "g," and "d" segments of third LSD.
6
1
BC3P2
LCD segment drive for "b" and "c" segments of third LSD and decimal point 2.
7
2
OFE2
LCD segment drive for "over range," and "f" and "e" segments of second LSD.
8
3
AGD2
LCD segment drive for "a," "g," and "d" segments of second LSD.
9
4
BC2P1
LCD segment drive for "b " and "c" segments of second LSD and decimal point 1.
10
5
PKFE1
LCD segment drive for "hold peak reading," and "f" and "e" segments of LSD.
11
6
AGD1
LCD segment drive for "a," "g," and "d" segments of LSD.
12
7
BC1BT
LCD segment drive for "b" and "c" segments of LSD and "low battery."
13
8
BP3
LCD backplane #3.
14
9
BP2
LCD backplane #2.
15
10
BP1
LCD backplane #1.
—11
VDISP
Sets peak LCD drive signal: VPEAK =(VDD)– VDISP.VDISP mayalso beusedto
compensate for temperature variation of LCD crystal threshold voltage.
16
12
DGND
Internal logic digital ground, the logic "0" level. Nominally 4.7V below VDD.
17
13
ANNUNC
Square-wave output at the backplane frequency, synchronized to BP1. ANNUNC can be
used to control display annunciators. Connecting an LCD segment to ANNUNC turns it
on; connecting it to its backplane turns it off.
18
14
LOGIC
Logic mode control input. When connected to VDD, the converter is in Logic mode. The
LCD displays "OL" and the decimal point inputs control the HIGH and LOW annunciators.
When the "low" annunciator is on, the buzzer will also be on. When unconnected or con-
nected to DGND, the TC820 is in the Voltage/Frequency Measurement mode. This pin
has a 5
µA internal pull-down to DGND.
19
15
RANGE/
FREQ
Dual purpose input. In Range mode, when connected to VDD, the integration time
will be 200 counts instead of 2000 counts
20
16
DP0/LO
Dual purpose input. Decimal point select input for voltage measurements. In logic mode,
connecting this pin to VDD will turn on the "low" LCD segment. There is an internal 5µA
pull-down to DGND in Volts mode only. Decimal point logic:
DP1
DPQ
Decimal Point Selected
00
None
01
DP1
10
DP2
11
DP3
21
17
DP1/HI
Dual purpose input. Decimal point select input for voltage measurements. In Logic mode,
connecting this pin to VDD will turn on the "high" LCD segment. There is an internal 5µA
pull-down to DGND in Volts mode only.
22
18
BUZOUT
Buzzer output. Audio frequency, 5kHz, output which drives a piezoelectric buzzer.
23
19
BUZIN
Buzzer control input. Connecting BUZIN to VDD turns the buzzer on. BUZIN is logically
OR’ed (internally) with the "logic level low" input. There is an internal 5
µApull-down to
DGND.
24
20
FREQ/
VOLTS
Voltage or frequency measurement select input. When unconnected, or connected
VOLTS to DGND, the A/D converter function is active. When connected to VDD,the
frequency counter function is active. This pin has an internal 5
µA pull-down to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com