Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 18 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC820 Datasheet HTML 14Page - Microchip Technology TC820 Datasheet HTML 15Page - Microchip Technology TC820 Datasheet HTML 16Page - Microchip Technology TC820 Datasheet HTML 17Page - Microchip Technology TC820 Datasheet HTML 18Page - Microchip Technology TC820 Datasheet HTML 19Page - Microchip Technology TC820 Datasheet HTML 20Page - Microchip Technology TC820 Datasheet HTML 21Page - Microchip Technology TC820 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TC820
DS21476B-page 18
© 2002 Microchip Technology Inc.
FIGURE 5-4:
SUGGESTED CRYSTAL
OSCILLATOR CIRCUIT
Where low cost is important, the RC circuit of Figure 5-5
can be used. The frequency of this circuit will be
approximately:
EQUATION 5-1:
FIGURE 5-5:
RC OSCILLATOR CIRCUIT
Typical values are R = 10k
Ω and C = 68pF. The resis-
tor value should be
≥ 100kΩ. For accurate frequency
measurement, an RC oscillator frequency of 40kHz is
required.
5.5
System Timing
All system timing is derived from the clock oscillator.
The clock oscillator is divided by 2 prior to clocking the
A/D counters. The clock is also divided by 8 to drive the
buzzer, by 240 to generate the LCD backplane fre-
quency, and by 40,000 for the frequency counter time-
base. A simplified diagram of the system clock is
shown in Figure 5-6.
FIGURE 5-6:
SYSTEM CLOCK
GENERATION
5.6
Component Value Selection
5.6.1
AUTO-ZERO CAPACITOR - CAZ
The value of the auto-zero capacitor (CAZ)has some
influence on system noise. A 0.47
µF capacitor is rec-
ommended; a low dielectric absorption capacitor
(Mylar) is required.
5.6.2
REFERENCE VOLTAGE
CAPACITOR - CREF
The reference voltage capacitor used to ramp the inte-
grator output voltage back to zero during the reference
integrate cycle is stored on CREF.A 0.1µF capacitor is
typical. A good quality, low leakage capacitor (such as
Mylar) should be used.
TC820
40kHz
38
39
5pF
10pF
22M
Ω
470k
Ω
37
TOSC =
0.3
RC
5pF
37
38
39
110k
Ω
10pF
75pF
TC820
A/D
Counter
TC820
÷ 40,000
Counter
Time-Base
÷ 240
LCD
Backplane
Driver
÷ 8
Buzzer
÷ 2
OSC1
OSC2
OSC3
XTAL
Oscillator
Components
RC
Oscillator
Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com