Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC820 Datasheet HTML 7Page - Microchip Technology TC820 Datasheet HTML 8Page - Microchip Technology TC820 Datasheet HTML 9Page - Microchip Technology TC820 Datasheet HTML 10Page - Microchip Technology TC820 Datasheet HTML 11Page - Microchip Technology TC820 Datasheet HTML 12Page - Microchip Technology TC820 Datasheet HTML 13Page - Microchip Technology TC820 Datasheet HTML 14Page - Microchip Technology TC820 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21476B-page 11
TC820
3.2.7
10:1 RANGE CHANGE
The analog input full scale range can be changed with
the RANGE/FREQ input. Normally, RANGE/FREQ is
held low by an internal pull-down. Connecting this pin
to VS+ will increase the full scale voltage by a factor
of 10. No external component changes are required.
The RANGE/FREQ input operates by changing the
integrate period. When RANGE/FREQ is connected to
VDD, the signal integration phase of the conversion is
reduced by a factor of 10 (i.e., from 2000 counts to 200
counts).
For the TC820, the 10:1 range change will result in ±4V
full scale. This full scale range will exceed the Common
mode range of the input buffer when operating from a
9V battery. If range changing is required for the TC820,
a higher supply voltage can be provided, or the input
voltage can be divided by 2 externally.
3.3
Frequency Counter
In addition to serving as an analog-to-digital converter,
the TC820 internal counter can also function as a fre-
quency counter (Figure 3-3). In the Counter mode,
pulses at the RANGE/FREQ input will be counted and
displayed.
The frequency counter derives its time-base from the
clock oscillator. The counter time-base is:
EQUATION 3-5:
Thus, the counter will operate with a 1-second time-
base when a 40kHz oscillator is used. The frequency
counter accuracy is determined by the oscillator accu-
racy. For accurate frequency measurements, a crystal
oscillator is recommended.
The frequency counter will automatically select the
proper range. Auto-range operation extends over four
decades, from 3.999kHz to 3.999MHz. Decimal points
are set automatically in the Frequency mode (Figure 3-4).
The logic switching levels of the RANGE/FREQ input
are CMOS levels. For best counter operation, an exter-
nal buffer is recommended. See the applications sec-
tion for details.
3.4
Logic Probe
The TC820 can also function as a simple logic probe
(Figure 3-5). This mode is selected when the LOGIC
input is high. Two dual purpose pins, which normally
control the decimal points, are used as logic inputs.
Connecting either input to a logic high level will turn on
the corresponding LCD annunciator. When the "low"
annunciator is on, the buzzer will be on. As with the fre-
quency counter input, external level shifters/buffers are
recommended for the logic probe inputs.
FIGURE 3-3:
TC820 COUNTER OPERATION
tCOUNT =
FOSC
40,000
Data Latch, Peak Hold
Register, LCD
Decoder/Drivers
Over Range
Detect
Under Range
Control
Auto-Range
Control
Programmable
Divider
( ÷1, 10, 100, 1000)
Clock
Oscillator
To Decimal
Point Drivers
Frequency Input
RANGE/
FREQ
÷20,000
From Integrator
of A/D Converter
Comparator
LCD
3-3/4 Digit Counter
Enable
Count
Overflow
A/D Converter
Frequency Counter
A/D Converter/Frequency
Counter Select
TC820
÷2
FREQ/
VOLTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com