Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 16 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC820 Datasheet HTML 12Page - Microchip Technology TC820 Datasheet HTML 13Page - Microchip Technology TC820 Datasheet HTML 14Page - Microchip Technology TC820 Datasheet HTML 15Page - Microchip Technology TC820 Datasheet HTML 16Page - Microchip Technology TC820 Datasheet HTML 17Page - Microchip Technology TC820 Datasheet HTML 18Page - Microchip Technology TC820 Datasheet HTML 19Page - Microchip Technology TC820 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TC820
DS21476B-page 16
© 2002 Microchip Technology Inc.
4.2.1
EOC/HOLD
EOC/HOLD is a dual purpose, bi-directional pin. As an
output, this pin goes low for 10 clock cycles at the end
of each conversion. This pulse latches the conversion
data into the display driver section of the TC820.
EOC/HOLD can be used to hold (or "FREEZE") the dis-
play. Connecting this pin to VDD inhibits the display
update process. Conversions will continue, but the dis-
play will not change. EOC/HOLD will hold the display
reading for either analog-to-digital, or frequency
measurements.
The input/output structure of the EOC/HOLD pin is
shown in Figure 4-1. The output drive current is only a
few microAmps, so EOC/HOLD can easily be over-
driven by an open collector logic gate, as well as a FET,
bipolar transistor, or mechanical switch. When used as
an output, EOC/HOLD will have a slow rise and fall
time due to the limited output current drive. A CMOS
Schmitt trigger buffer is recommended.
FIGURE 4-1:
EOC/HOLD PIN
4.2.2
OVER RANGE (OR),
UNDER RANGE (UR)
The OR output will be high when the analog input sig-
nal is greater than full scale (3999 counts). The UR out-
put will be high when the display reading is 380 counts
or less.
The OR and UR outputs can be used to provide an
auto-ranging meter function. By logically ANDing these
outputs with the inverted EOC/HOLD output, a single
pulse will be generated each time an under ranged or
over ranged conversion occurs (Figure 4-2).
FIGURE 4-2:
GENERATING UNDER
RANGE AND OVER
RANGE PULSES
4.2.3
VDISP
The VDISP input sets the peak-to-peak LCD drive volt-
age. In the 40-pin package, VDISP is connected inter-
nally to DGND, providing a typical LCD drive voltage of
5VP-P. The 44-pin package includes a separate VDISP
input for applications requiring a variable or tempera-
ture compensated LCD drive voltage. See the applica-
tions information for suggested circuits.
4
EOC/HOLD
Display
Update
EOC
TC820
≈ 500kΩ
EOC/HOLD
TC820
UR
OR
*74HC132
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com