Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC820 Datasheet HTML 3Page - Microchip Technology TC820 Datasheet HTML 4Page - Microchip Technology TC820 Datasheet HTML 5Page - Microchip Technology TC820 Datasheet HTML 6Page - Microchip Technology TC820 Datasheet HTML 7Page - Microchip Technology TC820 Datasheet HTML 8Page - Microchip Technology TC820 Datasheet HTML 9Page - Microchip Technology TC820 Datasheet HTML 10Page - Microchip Technology TC820 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21476B-page 7
TC820
25
21
PKHOLD
Peak hold input. When connected to VDD, the converter will only update the display if a
new conversion value is greater than the preceding value. Thus, the peak reading will be
stored and held indefinitely. When unconnected, or connected to DGND, the converter
will operate normally. This pin has an internal 5
µA pull-down to DGND.
—
22
UR
Under range output. This output will be HIGH when the digital reading is 380
counts or less.
—
23
OR
Over range output. This output will be HIGH when the analog signal input is greater
than full scale. The LCD will display "OL" when the input is over ranged.
26
24
VSS
Negative supply connection. Connect to negative terminal of 9V battery.
27
25
COM
Analog circuit ground reference point. Nominally 3.3V below VDD.
28
26
CREF+
Positive connection for reference capacitor.
29
27
CREF-
Negative connection for reference capacitor.
30
28
VREF+
High differential reference input connection.
31
29
VREF-
Low differential reference input connection.
32
30
VIN-
Low analog input signal connection.
33
31
VIN+
High analog input signal connection.
34
32
VBUFF
Buffer output. Connect to integration resistor.
35
33
CAZ
Auto-zero capacitor connection.
36
34
VINT
Integrator output. Connect to integration capacitor.
—35
EOC/
HOLD
Bi-directional pin. Pulses low (i.e., from V
DD to DGND) at the end of each conversion. If
connected to VDD, conversions will continue, but the display is not updated.
37
36
OSC1
Crystal oscillator (input) connection.
38
37
OSC2
Crystal oscillator (output) connection.
39
38
OSC3
RC oscillator connection.
40
39
VDD
LCD segment drive for "a," "g," and "d" segments of MSD.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
(40-PDIP)
Pin Number
(44-PQFP)
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com