Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 1 Page - Microchip Technology

  TC820 Datasheet HTML 1Page - Microchip Technology TC820 Datasheet HTML 2Page - Microchip Technology TC820 Datasheet HTML 3Page - Microchip Technology TC820 Datasheet HTML 4Page - Microchip Technology TC820 Datasheet HTML 5Page - Microchip Technology TC820 Datasheet HTML 6Page - Microchip Technology TC820 Datasheet HTML 7Page - Microchip Technology TC820 Datasheet HTML 8Page - Microchip Technology TC820 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21476B-page 1
TC820
Features
• Multiple Analog Measurement System
- Digit A/D Converter
- Frequency Counter
- Logic Probe
• Low Noise A/D Converter:
-
Differential Inputs: (1pA Bias Current)
-
On-Chip 50ppm/°C Voltage Reference
• Frequency Counter:
-
4MHz Maximum Input Frequency
-
Auto-Ranging Over Four Decade Range
• Logic Probe:
-
Two LCD Annunciators
-
Buzzer Driver
• 3-3/4 Digit Display with Over Range Indicator
• LCD Display Driver with Built-in Contrast Control
• Data Hold Input for Comparison Measurements
• Low Battery Detect with LCD Annunciator
• Under Range and Over Range Outputs
• On-Chip Buzzer Driver with Control Input
• 40-Pin Plastic DIP, 44-Pin Plastic Flat Pack, or
44-Pin PLCC Packages
Device Selection Table
General Description
The TC820 is a 3-3/4 digit, multi-measurement system
especially suited for use in portable instruments. It inte-
grates a dual slope A/D converter, auto-ranging fre-
quency counter and logic probe into a single 44-pin
surface mount, or 40-pin through hole package. The
TC820 operates from a single 9V input voltage (bat-
tery) and features a built-in battery low flag. Function
and decimal point selection are accomplished with sim-
ple logic inputs designed for direct connection to an
external microcontroller or rotary switch.
Part
Number
Resolution
Package
Operating
Temp. Range
TC820CPL
3-3/4 Digits
40-Pin PDIP
0
°Cto +70°C
TC820CKW
3-3/4 Digits
44-Pin PQFP
0
°Cto +70°C
TC820CLW
3-3/4 Digits
44-Pin PLCC
0
°Cto +70°C
3-3/4 Digit A/D Converter with Frequency Counter
and Logic Probe


Similar Part No. - TC820

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC820 TELCOM-TC820 Datasheet
275Kb / 22P
3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
TC820CKW TELCOM-TC820CKW Datasheet
275Kb / 22P
3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
TC820CLW TELCOM-TC820CLW Datasheet
275Kb / 22P
3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
TC820CPL TELCOM-TC820CPL Datasheet
275Kb / 22P
3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
logo
France Joint
TC820X30X7 FRANCEJOINT-TC820X30X7 Datasheet
317Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - TC820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
3-Digit BCD Counter
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
Integrated Circuit A/D Converter for 3-Digit Display
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
TC820 TELCOM-TC820 Datasheet
275Kb / 22P
3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
3 3/4 DIGIT A/D CONVERTER
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
3 1/2 Digit A/D Converter Set
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
3 3/4 DIGIT A/D CONVERTER
ES51999 CYRUSTEK-ES51999 Datasheet
435Kb / 21P
4 3/4 and 5 3/4 A/D AUTO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com