Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC820 Datasheet HTML 11Page - Microchip Technology TC820 Datasheet HTML 12Page - Microchip Technology TC820 Datasheet HTML 13Page - Microchip Technology TC820 Datasheet HTML 14Page - Microchip Technology TC820 Datasheet HTML 15Page - Microchip Technology TC820 Datasheet HTML 16Page - Microchip Technology TC820 Datasheet HTML 17Page - Microchip Technology TC820 Datasheet HTML 18Page - Microchip Technology TC820 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21476B-page 15
TC820
4.0
FUNCTION CONTROL INPUTS
PIN
4.1
Functional Description
The TC820 Operating modes are selected with the
function control inputs. See the control input truth,
Table 4-1. The high logic threshold is
≥ VDD –1.5V and
the low logic level is
≤ DGND +1.5V.
TABLE 4-1:
TC820 CONTROL INPUT
TRUTH TABLE
Note
1:
Logic "0" = DGND
2:
Logic "1" = VDD-
4.1.1
FREQ/VOLTS
This input determines whether the TC820 is in the Ana-
log-to-Digital Conversion mode, or in the Frequency
Counter mode. When FREQ/VOLTS is connected to
VDD, the TC820 will measure frequency at the RANGE/
FREQ input. When unconnected, or connected to
DGND, the TC820 will operate as an analog-to-digital
converter. This input has an internal 5
µA pull-down to
DGND.
4.1.2
LOGIC
The LOGIC input is used to activate the logic probe
function. When connected to VDD, the TC820 will enter
the Logic Probe mode. The LCD will show "OL" and all
decimal points will be off. The decimal point inputs
directly control "high" and "low" display annunciators.
When LOGIC is unconnected, or connected to DGND,
the TC820 will perform analog-to-digital or frequency
measurements, as selected by the FREQ/VOLTS
input. The LOGIC input has an internal 5
µA pull-down
to DGND.
4.1.3
RANGE/FREQ
The function of this dual purpose pin is determined by
the FREQ/VOLTS input. When FREQ/VOLTS is con-
nectedtoVDD, RANGE/FREQ is the input for the fre-
quency counter function. Pulses at this input are
counted with a time-base equal to FOSC/40,000. Since
this input has CMOS input levels (VDD –1.5Vand
DGND +1.5V), an external buffer is recommended.
When the TC820 analog-to-digital converter function is
selected, connecting RANGE/FREQ to VDD will divide
the integration time by 10. Therefore, the RANGE/
FREQ input can be used to perform a 10:1 range
change without changing external components.
4.1.4
DP0/LO, DP1/HI
The function of these dual purpose pins is determined
by the LOGIC input. When the TC820 is in the Analog-
to-Digital Converter mode, these inputs control the
LCD decimal points. See the decimal point truth,
Table 4-2. These inputs have internal 5
µA pull-downs
to DGND when the Voltage/Frequency Measurement
mode is active.
Connecting the LOGIC input to VDD places the TC820
in the Logic Probe mode. In this mode, the DP0/LO and
DP1/HI inputs control the LCD "low" and "high" annun-
ciators directly. When DP1/HI is connected to VDD,the
"high" annunciator will turn on. When DP0/LO is con-
nectedtoVDD, the "low" annunciator and the buzzer
will turn on. The internal pull-downs on these pins are
disabled when the logic probe function is selected.
These inputs have CMOS logic switching thresholds.
For optimum performance as a logic probe, external
level shifters are recommended. See the applications
section for details.
4.1.5
BUZIN
This input controls the TC820 on-chip buzzer driver.
Connecting BUZIN to VDD will turn the buzzer on.
There is an external pull-down to DGND. BUZIN can be
used with external circuitry to provide additional func-
tions, such as a fast, audible continuity indication.
4.2
Additional Features
The TC820 is available in 40-pin and 44-pin packages.
Several additional features are available in the 44-pin
package.
Logic Input
TC820 Function
FREQ/
VOLTS
RANGE/
FREQ
LOGIC
X
X
1
Logic Probe
0
0
0
A/D Converter,
VFULL SCALE =2x VREF
0
1
0
A/D Converter,
VFULL SCALE =20 x VREF
1
Frequency
Counter
Input
0
Frequency Counter
TABLE 4-2:
TC820 DECIMAL POINT
TRUTH TABLE
DP1
DP0
LCD
0
0
3999
0
1
399.9
10
39.99
11
3.999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com