Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 22 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 22 Page - Microchip Technology

Back Button TC820 Datasheet HTML 18Page - Microchip Technology TC820 Datasheet HTML 19Page - Microchip Technology TC820 Datasheet HTML 20Page - Microchip Technology TC820 Datasheet HTML 21Page - Microchip Technology TC820 Datasheet HTML 22Page - Microchip Technology TC820 Datasheet HTML 23Page - Microchip Technology TC820 Datasheet HTML 24Page - Microchip Technology TC820 Datasheet HTML 25Page - Microchip Technology TC820 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TC820
DS21476B-page 22
© 2002 Microchip Technology Inc.
5.13
LCD Source
Although most users will design their own custom LCD,
a standard display for the TC820 (Figure 5-15), Part No.
ST-1355-M1, is available from the following sources:
Crystaloid (USA)
Crystaloid Electronics
P.O. Box 628
5282 Hudson Drive
Hudson, OH 44238
Phone: 216-655-2429
Crystaloid (Europe)
Rep. France
102, rue des Nouvelles
F92150 Suresnes France
Phone: 33-1-42-04-29-25
Fax: 33-1-45-06-46-99
FIGURE 5-15:
TYPICAL TC820 LCD
5.14
Annunciator Output
The annunciator output is a square wave running
at the backplane frequency (for example, 167Hz when
FOSC = 40kHz). The peak-to-peak amplitude is equal to
(VDD –VDISP). Connecting an annunciator of the LCD
to the annunciator output turns it on; connecting it to its
backplane turns it off.
5.15
LCD Drive Voltage (VDISP)
The peak-to-peak LCD drive voltage is equal to (VDD –
VDISP). In the 40-pin dual in-line package (DIP), VDISP
is internally connected to DGND, providing a typical
LCD drive voltage of 5VP-P.
For applications with a wide temperature range, some
LCDs require that the drive levels vary with temperature
to maintain good viewing angle and display contrast. In
this case, the TC820 44-pin package provides a pin con-
nection for VDISP. Figure 5-16 shows TC820 circuits that
can be adjusted to give a temperature compensation of
about 10mV/°C between VDD and VDISP. The diode
between GND and VDISP should have a low turn on volt-
age because VDISP cannot exceed 0.3V below GND.
5.16
Crystal Source
Two sources of the 40kHz crystal are:
Statek Corp.
512 N. Main St.
Orange, CA 92668
Phone: 714-639-7810
Fax: 714-997-1256
Part #: CX-1V-40.0
SPK Electronics
2F-1, No. 312, Sec, 4, Jen Ai Rd.
Taipei, Taiwan R.O.C.
Phone: (02) 754-2677
Fax: 886-2-708-4124
Part #: QRT-38-40.0kHz
FIGURE 5-16:
TEMPERATURE COMPENSATING CIRCUITS
HIGH
LOW
OVER
PEAK
BATT
PIN 1
V+
VDISP
TC820
DGND
24
39
12
11
200k
Ω
39k
Ω
5k
Ω
75k
Ω
1N4148
V-
V+
VDISP
TC820
DGND
24
39
V-
12
11
39k
Ω
20k
Ω
2N2222
18k
Ω
Note: Pin numbers shown are for 44-pin flat package.
TL071 1N5817
1N5817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com