Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4813 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4813
Description  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4813 Datasheet HTML 1Page - Micro Linear Corporation ML4813 Datasheet HTML 2Page - Micro Linear Corporation ML4813 Datasheet HTML 3Page - Micro Linear Corporation ML4813 Datasheet HTML 4Page - Micro Linear Corporation ML4813 Datasheet HTML 5Page - Micro Linear Corporation ML4813 Datasheet HTML 6Page - Micro Linear Corporation ML4813 Datasheet HTML 7Page - Micro Linear Corporation ML4813 Datasheet HTML 8Page - Micro Linear Corporation ML4813 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ML4813
2
PIN CONFIGURATION
PIN
NAME
FUNCTION
1ILIMIT
Current limit sense pin which is
normally connected to the sense
resistor. When ILIMIT exceeds 1V,
the PWM cycle is terminated
2
SOFT START
Connection for the soft start
capacitor
3
COMP
Output of error amplifier and input
to the PWM comparator
4VFB
Control loop feedback voltage
5
OVP
Overvoltage comparator input
6
OA OUT
Output of the uncommitted op
amp
7
OA-
Inverting input of the uncommitted
op amp
8
OA+
Non-inverting input of the
uncommitted op amp
PIN
NAME
FUNCTION
9RT
Connection for the oscillator
timing resistor
10
SYNC
Input for synchronizing the
oscillator to an external source
11
PWR GND
Return for the high current output
transistors
12
OUT
High current driver output
13
VCC
Power supply input
14
VREF
Buffered reference output
15
GND
Analog signal ground
16
CT
Connection for the oscillator
timing capacitor
PIN DESCRIPTION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ILIMIT
SOFT START
COMP
VFB
OVP
OA OUT
OA-
OA+
CT
GND
VREF
VCC
OUT
PWR GND
SYNC
RT
TOP VIEW
ML4813
16-Pin PDIP (P16)
16-Pin SOIC (S16W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com