Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4813 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4813
Description  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4813 Datasheet HTML 1Page - Micro Linear Corporation ML4813 Datasheet HTML 2Page - Micro Linear Corporation ML4813 Datasheet HTML 3Page - Micro Linear Corporation ML4813 Datasheet HTML 4Page - Micro Linear Corporation ML4813 Datasheet HTML 5Page - Micro Linear Corporation ML4813 Datasheet HTML 6Page - Micro Linear Corporation ML4813 Datasheet HTML 7Page - Micro Linear Corporation ML4813 Datasheet HTML 8Page - Micro Linear Corporation ML4813 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
April 1997
ML4813*
Flyback Power Factor Controller
1
GENERAL DESCRIPTION
The ML4813 is a PWM controller designed for use in a
discontinuous "flyback" or "buck-boost" type power factor
correction (PFC) system for low power, low cost
applications.
The circuit includes a precision reference, oscillator, error
amplifier, over-voltage comparator, over-current
comparator, and an extra op-amp as well as a high
current output. In addition, start-up is simplified by an
under-voltage lockout circuit.
In a typical application, the ML4813 functions as a
voltage mode regulator. By maintaining a constant duty
cycle, the current follows the input voltage, making the
impedance of the entire circuit appear purely resistive.
With the flyback circuit, power factors of 0.99 are easily
achievable with a small output inductor and a minimum
of external components.
FEATURES
s
Precision buffered 5V reference
s
Extra op-amp for output voltage instrumentation
amplifier
s
Overcurrent comparator for switch protection
s
Soft start and under-voltage lockout for easy low surge
off-line starting
s
1A peak current Totem-pole output drive
s
Overvoltage comparator eliminates output "runaway"
due to load removal
s
Large oscillator amplitude for better noise immunity
* This Part Is End Of Life As Of August 1, 2000
BLOCK DIAGRAM
-
+
+
-
S
R
Q
Q
12
OUT
4
VFB
ERROR
AMPLIFIER
5V
2
SOFT START
+
-
1
ILIMIT
CURRENT LIMIT
COMPARATOR
1V
5
OVP
OVP
COMPARATOR
5.6V
-
+
3
COMP
PWM
COMPARATOR
16
CT
9
RT
10
SYNC
OSCILLATOR
15
GND
UNDERVOLTAGE
LOCKOUT
13
VCC
14
VREF
32V
+
-
11
PWR GND
6
OA OUT
7V
7
OA-
8
OA+
60µA


Similar Part No. - ML4813

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
High Frequency Power Supply Controller
ML4810CP MICRO-LINEAR-ML4810CP Datasheet
165Kb / 12P
High Frequency Power Supply Controller
ML4810CS MICRO-LINEAR-ML4810CS Datasheet
165Kb / 12P
High Frequency Power Supply Controller
ML4811CP MICRO-LINEAR-ML4811CP Datasheet
165Kb / 12P
High Frequency Power Supply Controller
ML4811CS MICRO-LINEAR-ML4811CS Datasheet
165Kb / 12P
High Frequency Power Supply Controller
More results

Similar Description - ML4813

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
POWER FACTOR CONTROLLER
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
Power Factor Controller
January, 2007 ??Rev. 2
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1927 ONSEMI-NCP1927 Datasheet
537Kb / 24P
Combination Power Factor Correction Controller and Flyback Controller for Flat
June, 2011 ??Rev. 0
logo
Leadtrend Technology
LD7830 LEADTREND-LD7830 Datasheet
495Kb / 18P
High Power Factor Flyback LED Controller with HV Start-up
LD7833V LEADTREND-LD7833V Datasheet
327Kb / 17P
High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
LD7838 LEADTREND-LD7838 Datasheet
571Kb / 15P
High Power Factor Flyback LED Controller with HV Start-up
logo
SIFIRST TECHNOLOGIES NA...
SFL320 SIFIRST-SFL320 Datasheet
57Kb / 2P
High Power Factor Flyback PWM Controller
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
High Performance, High Power Factor Flyback PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com