Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4813 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4813
Description  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4813 Datasheet HTML 1Page - Micro Linear Corporation ML4813 Datasheet HTML 2Page - Micro Linear Corporation ML4813 Datasheet HTML 3Page - Micro Linear Corporation ML4813 Datasheet HTML 4Page - Micro Linear Corporation ML4813 Datasheet HTML 5Page - Micro Linear Corporation ML4813 Datasheet HTML 6Page - Micro Linear Corporation ML4813 Datasheet HTML 7Page - Micro Linear Corporation ML4813 Datasheet HTML 8Page - Micro Linear Corporation ML4813 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ML4813
5
ELECTRICAL CHARACTERISTICS (cont.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Low Voltage
IOUT = 10mA
0.1
0.4
V
IOUT = 200mA
1.2
2.2
V
VCC = 8V, IOUT = 5mA
0.1
0.8
V
Output High Voltage
IOUT = -20mA
13
13.6
V
IOUT = -200mA
12
13.4
V
Rise/Fall Time
CL = 1000pF
50
ns
UNDERVOLTAGE LOCKOUT
Start-up Threshold
15
16.3
17.5
V
Shutdown Threshold
9
10.1
11.2
V
VREF Good Threshold
4.4
V
SUPPLY
Start-up Current VCC = 14V
0.9
1.5
mA
Operating Current
20
30
mA
Shunt Regulator Voltage
ICC = 30mA
25
30
34
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: VCC is raised above the UVLO start-up threshold, then returned to 15V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com