Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4813 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4813
Description  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4813 Datasheet HTML 2Page - Micro Linear Corporation ML4813 Datasheet HTML 3Page - Micro Linear Corporation ML4813 Datasheet HTML 4Page - Micro Linear Corporation ML4813 Datasheet HTML 5Page - Micro Linear Corporation ML4813 Datasheet HTML 6Page - Micro Linear Corporation ML4813 Datasheet HTML 7Page - Micro Linear Corporation ML4813 Datasheet HTML 8Page - Micro Linear Corporation ML4813 Datasheet HTML 9Page - Micro Linear Corporation ML4813 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ML4813
6
FUNCTIONAL DESCRIPTION
OSCILLATOR
The ML4813 oscillator charges the external capacitor (CT)
with a current (ISET) equal to 5/RSET. When the capacitor
voltage reaches the upper threshold, the comparator
changes state and the capacitor discharges to the lower
threshold through Q1. While the capacitor is discharging,
Q2 provides a high pulse.
The oscillator period can be described by:
tt
t
OSC
RAMP
DEADTIME
=+
(1)
where:
t
C
I
RAMP
T
SET
=
(2)
and:
t
C
mA I
DEADTIME
T
SET
=
-
84
.
(3)
A graph showing the relationship between RT, CT, the
oscillator frequency, and maximum duty cycle is given in
Figure 1. A pulse of a duration shorter than tDEADTIME
from an external frequency source set to a higher
frequency than fOSC can be applied to pin SYNC to
synchronize the oscillator. RSYNC and CSYNC shorten
longer pulses, as shown in Figure 2.
OUTPUT DRIVER STAGE
The ML4813 output driver is a 1A peak output high speed
totem-pole circuit designed to quickly drive capacitive
loads such as MOSFET gates. See Figure 3 for the output
saturation characteristics for sourcing and sinking current.
ERROR AMPLIFIER
The ML4813 error amplifier is a high open loop gain,
wide bandwidth amplifier. See Figure 4 for the gain and
phase plot.
UN-COMMITTED OP-AMP
The ML4813 contains an uncommitted op amp which is
normally configured as a differencing amplifier to sense
the output voltage. The output voltage in the flyback
configuration is not ground referenced. The op amp in the
ML4813 is a PNP input amplifier similar to the LM324
but with an open emitter class A output stage.
REFERENCE
The reference output voltage versus output current
characteristic is shown in Figure 5.
UNDERVOLTAGE LOCKOUT
On power-up, the ML4813 is in the UVLO condition;
Figure 1. Oscillator Timing Resistance vs. Frequency
Figure 2. Oscillator Block Diagram
10
SYNC
9
RT
16
CT
EXTERNAL
CLOCK
+
-
5.6V
ISET
8.4mA
CT
RT
ISET
CSYNC
RSYNC
CLOCK
TD
RAMP VALLEY
RAMP PEAK
V(CT)
10
OSCILLATOR FREQUENCY (kHz)
10
100
1000
8
5
3
2
1
10nF
20nF
5nF
2nF
1nF
85%
80%
70%
90%
output low and quiescent current low. The ML4813
becomes operational when VCC reaches 16V. When VCC
drops below 10V, the UVLO condition is re-imposed.
During UVLO, the VREF pin is off, making it usable as a
"flag" for starting up a down-stream PWM converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com