Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4813 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4813
Description  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4813 Datasheet HTML 1Page - Micro Linear Corporation ML4813 Datasheet HTML 2Page - Micro Linear Corporation ML4813 Datasheet HTML 3Page - Micro Linear Corporation ML4813 Datasheet HTML 4Page - Micro Linear Corporation ML4813 Datasheet HTML 5Page - Micro Linear Corporation ML4813 Datasheet HTML 6Page - Micro Linear Corporation ML4813 Datasheet HTML 7Page - Micro Linear Corporation ML4813 Datasheet HTML 8Page - Micro Linear Corporation ML4813 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ML4813
4
ELECTRICAL CHARACTERISTICS (cont.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER
Input Offset Voltage
-15
15
mV
Input Bias Current
-0.1
-1.0
µA
Open Loop Gain 1V < COMP < 5V
60
75
dB
PSRR
12V < VCC < 25V
60
70
dB
Output Sink Current
COMP = 1.1V, VFB = 6.2V
2
12
mA
Output Source Current
COMP = 5V, VFB = 4.8V
-0.5
-1.0
mA
Output High Voltage
ICOMP = -0.5mA, VFB = 4.8V
5.3
6.4
V
Output Low Voltage
ICOMP = 2mA, VFB = 6.2V
0.5
1.0
V
Unity Gain Bandwidth
1.0
MHz
UNCOMMITTED OP AMP
Input Offset Voltage
-10
10
mV
Input Bias Current
-0.1
-2.0
µA
Input Offset Current
-350
350
nA
Open Loop Gain
90
dB
PSRR
80
125
dB
Output High Voltage
ICOMP = -10mA
6.5
8
V
Output Low Voltage
RL = 10kW
200
500
mV
ILIMIT COMPARATOR
Input Trip Point
0.8
1.0
1.2
V
Input Bias Current
-2
-15
µA
Propogation Delay Time
150
ns
OVP COMPARATOR
Input Trip Point
5.4
5.55
5.7
V
Hysteresis
100
mV
Input Bias Current
-0.3
3
181A
PWM COMPARATOR
Input Common Mode Range
-0.2
5.5
V
Input Bias Current
-2
-10
µA
Propogation Delay Time
150
ns
SOFT START
Soft Start Current
VSOFT START = 1V
40
65
90
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com