Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4813 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4813
Description  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4813 Datasheet HTML 4Page - Micro Linear Corporation ML4813 Datasheet HTML 5Page - Micro Linear Corporation ML4813 Datasheet HTML 6Page - Micro Linear Corporation ML4813 Datasheet HTML 7Page - Micro Linear Corporation ML4813 Datasheet HTML 8Page - Micro Linear Corporation ML4813 Datasheet HTML 9Page - Micro Linear Corporation ML4813 Datasheet HTML 10Page - Micro Linear Corporation ML4813 Datasheet HTML 11Page - Micro Linear Corporation ML4813 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ML4813
8
APPLICATIONS
The ML4813 is used to implement a discontinuous mode
flyback (buck-boost) power factor regulator as shown in
Figure 7. This topology is particularly well suited for low
power applications such as fluorescent ballasts and low
power switching supplies. It is also a useful topology
when there is a requirement for the output voltage to be
lower than the peak input voltage, or where an isolated
output is required. This is not possible with a boost
topology, where the output voltage must always be higher
than the maximum peak of the input voltage range. The
typical input range for the flyback power factor regulator
is from 90VAC to 260VAC.
The regulator operates in the discontinuous current
conduction mode. The inductor energy stored during the
ON time of the power switch Q is completely delivered
to the output capacitance during the OFF time. Under
steady state conditions, the inductor current at the
beginning of the ON time starts to ramp-up from 0 Amps
to a value that is determined by the instantaneous value
of the input full wave rectified voltage; the ON time as it
is set by the error amplifier and the PWM comparator;
and finally by the inductor itself.
The expression for the inductor peak current is given by:
I
Vt
L
L
IN
ON
q
q
05 05
=
™
(4)
Where:
IL(q) = instantaneous peak inductor current
tON = Power MOSFET "ON" time
VIN(q) = VP sin q = Instantaneous input voltage
VP = Input peak voltage
Figure 8 shows the relationship between the low
frequency envelope and the high frequency inductor
current. Note that for clarity the scale between the two
waveforms has not been preserved. Normally for 60Hz
input line and 100kHz switching frequency, each half of
the sine wave contains approximately 833 high frequency
triangular waveforms.
The envelope of the peaks of the switch current, which in
this case represents the current drawn from the input
source, has a sinewave shape. This relationship is shown
as:
II
LP
qq
0 5=™ sin
(5)
By combining (4) and (5), the following useful
relationship is obtained:
t
LI
V
ON
P
RMS
=
™
™
2
(6)
Figure 8. Switch and Line Currents in the Flyback PFC Circuit
RFI
FILTER
ML4813
CONTROLLER
VOUT-
VOUT+
RS
RL2
RH2
C1
D1
Q1
L1
RH1
RL1
VS
–
+
INDUCTOR CURRENT
SWITCH CURRENT
SINUSOIDAL PEAK ENVELOPE
AVERAGE CURRENT
Figure 7. Simplified Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com