Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4813 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4813
Description  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4813 Datasheet HTML 5Page - Micro Linear Corporation ML4813 Datasheet HTML 6Page - Micro Linear Corporation ML4813 Datasheet HTML 7Page - Micro Linear Corporation ML4813 Datasheet HTML 8Page - Micro Linear Corporation ML4813 Datasheet HTML 9Page - Micro Linear Corporation ML4813 Datasheet HTML 10Page - Micro Linear Corporation ML4813 Datasheet HTML 11Page - Micro Linear Corporation ML4813 Datasheet HTML 12Page - Micro Linear Corporation ML4813 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ML4813
9
Note that VIN(q) = VP x sin(q) and that VP = 1.414 x VRMS.
The average value of the input triangular current is:
I
t
T
I
AVG
ON
P
qq
05=™ ™
2
sin
(7)
Where IAVG is the average value of the switch current (the
value of the current at the input of the regulator after
filtering), and T is the period of the switch cycle.
Substitution of (6) into (7) yields:
I
LI
TV
AVG
P
RMS
qq
05=
™
™™
™
2
2828
.
sin
(8)
Equation (8) clearly shows that the average value of the
switch current is sinusoidal and in phase with the input
voltage. The peak value of the average current is:
I
LI
TV
AVG PEAK
P
RMS
()
.
sin
=
™
™™
™
2
2828
q
(9)
Also:
I
P
V
AVG PEAK
IN
RMS
() =
™
2
(10)
Rearranging equations (9) and (10) to solve for PIN yields:
P
LI
f
IN
P
=
™™
2
4
(11)
For optimum performance and the lowest inductor peak
currents, the inductor current should be at the verge of
continuity at the lowest operating voltage point and at full
load. This can be satisfied if:
I
VV
fL
V
V
P
IN
OUT
IN
OUT
ˆ
™
™™
+
16
(12)
Finally, (11) and (12) can be combined to derive an upper
bound for the inductor value that will guarantee that the
regulator always stays in the discontinuous mode of
operation. If the regulator were to operate in the
continuous mode the average input current would not be
sinusoidal.
L
VV
fP
V
V
IN
OUT
IN
IN
OUT
ˆ
™
™™
+

!
"
$
##
2
2
16
(13)
FLYBACK INDUCTOR CALCULATION
Equation (13) gives the upper bound for the inductor
value for any set of specified operating conditions.
Normally, a few iterations may be required for finalizing
the value to correct for second or third order effects. This
means that a good initial value for the inductor is
probably 10 to 20% lower than the value calculated by
the right hand side expression in (13).
Several core materials are candidates for the inductor,
such as powder iron, gapped ferrites, moly permalloy, etc.
There are no particular restrictions on the inductor except
that the inductance is the correct value and the losses are
acceptable.
INPUT BYPASS CAPACITANCE
The triangular high frequency current is bypassed by an
input capacitor (CIN). This should be a high quality film
capacitor with low ESR value for minimum losses and
heating. Polyester, polypropylene or x-type (for line side)
are good candidates. Typical values, depending on the
power level, can range anywhere from 330nF to 1.5µF.
The next filtering stage of the RFI filter has an inductor as
an input to isolate CIN from the other capacitors which
may be present at the input circuit. Note that CIN can be
on either side of the bridge rectifier. The preferred
location for low crossover distortion is on the input side.
The ripple voltage across this capacitor is:
V
D
Cf
P
Lf
P
Cf
V
CP P
IN
IN
IN
IN
IN
-
=
™
™
™




-
™™
05
2
(14)
Where VC(P-P) is the peak to peak worst case high
frequency capacitor voltage, and D is the switch duty
cycle. The RFI filter that follows CIN has to be able to
attenuate VC(P-P) to the levels set by the relevant
regulatory specifications.
INPUT TRANSIENT OVERVOLTAGE PROTECTION
Careful examination of the power circuits reveals that
there is no large capacitance at the input of the regulator.
The only capacitance present is that of the RFI filter
capacitors. These capacitors have a combined value in the
range of a few microfarads, and their ability to absorb and
minimize any line induced transients is almost
nonexistent. Transients can also occur under sudden load
removal. If the line impedance is inductive, hazardous
drain-source voltages may be generated leading to the
destruction of the power MOSFET. To keep this from
happening, a transient over-voltage protection device
should be installed such that enough safety margin is
allowed for the power MOSFET. A good rule of thumb is:
BV
V
V
DSS
CLAMP
OUT OVP
>+
()
(15)
Where BVDSS is the drain-source breakdown voltage for
the MOSFET, VCLAMP is the activation or clamping voltage
of the over-voltage transient protector, and VOUT(OVP) is
the maximum output voltage which is set by the OVP
function of the controller.
THE OUTPUT CIRCUIT
The output circuit for this topology, although non-
isolated, does not share the same ground with the power
circuit. Therefore connecting the two grounds with the
measuring leads of instruments should be avoided.
APPLICATIONS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com