Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4813 Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML4813
Description  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813 Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML4813 Datasheet HTML 7Page - Micro Linear Corporation ML4813 Datasheet HTML 8Page - Micro Linear Corporation ML4813 Datasheet HTML 9Page - Micro Linear Corporation ML4813 Datasheet HTML 10Page - Micro Linear Corporation ML4813 Datasheet HTML 11Page - Micro Linear Corporation ML4813 Datasheet HTML 12Page - Micro Linear Corporation ML4813 Datasheet HTML 13Page - Micro Linear Corporation ML4813 Datasheet HTML 14Page - Micro Linear Corporation ML4813 Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ML4813
12
OFF-LINE START-UP AND BIAS SUPPLY GENERATION
A fast starting circuit is included in Figure 9. MOSFET Q2
quickly charges the ML4813 VCC capacitor (C8) when the
supply is initially turned on. This allows the supply to
come on less than 1 second after AC power is applied. A
simpler start-up circuit may be used which replaces the
active circuit with a 39k
W, 2W resistor but starts more
slowly (up to 15 seconds under low line conditions).
Systems which do not require quick starting can reduce
cost with the latter start-up method.
POWER FACTOR ENHANCEMENT
Some combinations of line and load may exhibit
distortion of the input current waveform. This distortion is
usually caused by the inductor "ringing" with the CDS of
the power MOSFET, resulting in a non-zero inductor
current at the beginning of the next cycle. This ringing
can be dampened by using R2 and D7 as shown in Figure
9. Applications which can get by with slightly worse
power factor can eliminate these components.
ADJUSTING THE OUTPUT VOLTAGE
The error amplifier creates an error voltage from the
difference between the output voltage presented at OA
OUT and the 5V internal reference. Since the output
voltage is not ground referenced, the ML4813's internal
op amp is connected as an instrumentation amplifier as
shown in Figure 11.
The output voltage is set by resistors which determine the
relationship between (VOUT+ - VOUT-) and the output of
the op amp. For the following discussion, R15' = R15 +
R16 and R14' = R13 + R14. The differencing amplifier
depends on the following relationships:
R14'= R15'
R12 = R25 + (R17 || R18)
Then:
V
VR
RR
R
RR25
R
R
OUT =
+
+

™
+

™+
 
518
17
18
15
15
14
12
1
’
’
’
(20)
Since R25 is a low value compared to R15', the second
term reduces to approximately 1. The third term is set at
approximately 200. Equation (20) can be reduced to:
V
R
RR
OUT @™
+


1000
18
17
18
(21)
The overvoltage comparator has a threshold that is set for
1.12 x VOUT when OVP and OA OUT are connected
directly. Figure 12 shows the connection for setting an
OVP trip point higher than 1.12 x VOUT, where:
VV
RR
R
OVP
OUT
AB
B
@™
™
+




112
.
(22)
APPLICATIONS (Continued)
OA+
OA-
OA OUT
+
–
VOUT+
VOUT-
TO
ERROR AMP
AND OVP
R14'
R15'
R17
R18
R12
R25
Figure 11. Ground Referencing the Op Amp Output
Figure 12. Setting OVP at > 1.12 x VOUT
Figure 13. Setting OVP at < 1.12 x VOUT
OVP
OA OUT
RA
RB
ML4813
OA OUT
R24
RD
OVP
VFB
COMP
C13
ML4813
Figure 15 shows OVP set for a voltage lower than 1.12 x
VOUT where:
VV
RD R24
RD
OVP
OUT
@™
™
+


112
.
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com