Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61253
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61253 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61253_15 Datasheet HTML 1Page - Texas Instruments TPS61253_15 Datasheet HTML 2Page - Texas Instruments TPS61253_15 Datasheet HTML 3Page - Texas Instruments TPS61253_15 Datasheet HTML 4Page - Texas Instruments TPS61253_15 Datasheet HTML 5Page - Texas Instruments TPS61253_15 Datasheet HTML 6Page - Texas Instruments TPS61253_15 Datasheet HTML 7Page - Texas Instruments TPS61253_15 Datasheet HTML 8Page - Texas Instruments TPS61253_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259
www.ti.com
SLVSAG8E – SEPTEMBER 2011 – REVISED MARCH 2015
7.4 Thermal Information
TPS6125x
THERMAL METRIC(1)
YFF
UNIT
9 PINS
RθJA
Junction-to-ambient thermal resistance
108.3
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
RθJB
Junction-to-board thermal resistance
18
°C/W
ψJT
Junction-to-top characterization parameter
4.2
ψJB
Junction-to-board characterization parameter
17.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.5 Electrical Characteristics
Minimum and maximum values are at VIN = 2.3V to 5.5V, EN = 1.8V, TA = –40°C to 85°C; Circuit of Parameter Measurement
Information section (unless otherwise noted). Typical values are at VIN = 3.6V, EN = 1.8V, TA = 25°C (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IOUT = 0mA, VIN = 3.6V
30
45
µA
Operating quiescent current
EN = VIN, BP = GND
7
15
µA
into VIN Operating quiescent current
Device not switching
IQ
into VOUT Standby mode quiescent current
IOUT = 0mA, VIN = VOUT = 3.6V
11
20
µA
into VIN Standby mode quiescent current
EN = GND, BP = VIN
into VOUT
9.5
15
µA
Device not switching
ISD
Shutdown current
EN = GND, BP = GND
0.85
5.0
μA
Falling
2.0
2.1
V
VUVLO
Under-voltage lockout threshold
Hysteresis
0.1
V
ENABLE, BYPASS
VIL
Low-level input voltage
0.4
V
VIH
High-level input voltage
1.0
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.5
µA
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com