Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS61253
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61253 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61253_15 Datasheet HTML 1Page - Texas Instruments TPS61253_15 Datasheet HTML 2Page - Texas Instruments TPS61253_15 Datasheet HTML 3Page - Texas Instruments TPS61253_15 Datasheet HTML 4Page - Texas Instruments TPS61253_15 Datasheet HTML 5Page - Texas Instruments TPS61253_15 Datasheet HTML 6Page - Texas Instruments TPS61253_15 Datasheet HTML 7Page - Texas Instruments TPS61253_15 Datasheet HTML 8Page - Texas Instruments TPS61253_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
A1
A2
A3
B2
C2
B3
C3
B1
C1
A1
A2
A3
B2
C2
B3
C3
B1
C1
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259
www.ti.com
SLVSAG8E – SEPTEMBER 2011 – REVISED MARCH 2015
Changes from Original (September 2011) to Revision A
Page
Changed device TPS61256 to production status ................................................................................................................... 3
5 Device Options
OUTPUT
DEVICE
TA
PART NUMBER(1)
VOLTAGE
SPECIFIC FEATURES
Supports 5 V, up to 1500 mA peak loading
TPS61253
5.0 V
down to 3.3 V input voltage
Supports 4.5 V / 800 mA loading
TPS61254
4.5 V
down to 2.65 V input voltage
TPS61255(2)
3.75 V
Supports 5 V / 900 mA loading
–40°C to 85°C
TPS61256
5.0 V
down to 3.3 V input voltage
TPS61257(2)
4.3 V
Supports 4.5 V, up to 1500 mA peak loading
TPS61258
4.5 V
down to 3.3 V input voltage
Supports 5.1 V, up to 1500 mA peak loading
TPS61259
5.1 V
down to 3.3 V input voltage
(1)
For detailed ordering information please check the PACKAGE OPTION ADDENDUM section at the end of this datasheet.
(2)
Product preview. Contact TI factory for more information
6 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
This is the mode selection pin of the device and is only of relevance when the device is disabled
(EN = Low). This pin must not be left floating and must be terminated. Refer to Table 2 for more
details.
BP
C3
I
BP = Low: The device is in true shutdown mode.
BP = High: The output is biased at the input voltage level with a maximum load current capability of
ca. 150mA. In standby mode, the device only consumes a standby current of 21µA (typ).
This is the enable pin of the device. Connecting this pin to ground forces the device into shutdown
EN
B3
I
mode. Pulling this pin high enables the device. This pin must not be left floating and must be
terminated.
GND
C1, C2
Ground pin.
SW
B1, B2
I/O
This is the switch pin of the converter and is connected to the drain of the internal Power MOSFETs.
VIN
A3
I
Power supply input.
VOUT
A1, A2
O
Boost converter output.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com