Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS61253
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61253 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS61253_15 Datasheet HTML 11Page - Texas Instruments TPS61253_15 Datasheet HTML 12Page - Texas Instruments TPS61253_15 Datasheet HTML 13Page - Texas Instruments TPS61253_15 Datasheet HTML 14Page - Texas Instruments TPS61253_15 Datasheet HTML 15Page - Texas Instruments TPS61253_15 Datasheet HTML 16Page - Texas Instruments TPS61253_15 Datasheet HTML 17Page - Texas Instruments TPS61253_15 Datasheet HTML 18Page - Texas Instruments TPS61253_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
f
D
L
V
I
IN
L
×
=
I
= I
VALLEY
LIM
IL
f
IPEAK
Rectifier
Current
IOUT(DC)
Inductorr
Current
Increased
Load Current
IIN(DC)
IIN(DC)
Current Limit
Threshold
IOUT(CL)
DIL
DIL
IN
L
V
D
I =
L
f
D
g
IN
OUT
V
D
1
V
h
=
-
g
-
D
g
OUT(CL)
VALLEY
L
1
I
= (1 D)
(I
+
I )
2
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259
www.ti.com
SLVSAG8E – SEPTEMBER 2011 – REVISED MARCH 2015
9.3 Feature Description
9.3.1 Current Limit Operation
The TPS6125x device employs a valley current limit sensing scheme. Current limit detection occurs during the
off-time by sensing of the voltage drop across the synchronous rectifier.
The output voltage is reduced as the power stage of the device operates in a constant current mode. The
maximum continuous output current (IOUT(CL)), before entering current limit (CL) operation, can be defined by
Equation 1.
(1)
The duty cycle (D) can be estimated by Equation 2
(2)
and the peak-to-peak current ripple (
ΔIL) is calculated by Equation 3
(3)
The output current, IOUT(DC), is the average of the rectifier ripple current waveform. When the load current is
increased such that the lower peak is above the current limit threshold, the off-time is increased to allow the
current to decrease to this threshold before the next on-time begins (so called frequency fold-back mechanism).
When the current limit is reached the output voltage decreases during further load increase.
Figure 26 illustrates the inductor and rectifier current waveforms during current limit operation.
Figure 26. Inductor/Rectifier Currents in Current Limit Operation
9.3.2 Enable
The TPS6125x device starts operation when EN is set high and starts up with the soft-start sequence. For proper
operation, the EN pin must be terminated and must not be left floating.
Pulling the EN and BP pins low forces the device in shutdown, with a shutdown current of typically 1 µA. In this
mode, true load disconnect between the battery and load prevents current flow from VIN to VOUT, as well as
reverse flow from VOUT to VIN.
Pulling the EN pin low and the BP pin high forces the device in standby mode, refer to the Standby Mode section
for more details.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com