Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS61253
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61253 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS61253_15 Datasheet HTML 10Page - Texas Instruments TPS61253_15 Datasheet HTML 11Page - Texas Instruments TPS61253_15 Datasheet HTML 12Page - Texas Instruments TPS61253_15 Datasheet HTML 13Page - Texas Instruments TPS61253_15 Datasheet HTML 14Page - Texas Instruments TPS61253_15 Datasheet HTML 15Page - Texas Instruments TPS61253_15 Datasheet HTML 16Page - Texas Instruments TPS61253_15 Datasheet HTML 17Page - Texas Instruments TPS61253_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Undervoltage
Lockout
Thermal
Shutdown
Softstart
Control
Logic
PMOS
Valley
Current
Sense
V
REF
VOUT
GND
SW
VIN
NMOS
Modulator
BP
EN
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259
SLVSAG8E – SEPTEMBER 2011 – REVISED MARCH 2015
www.ti.com
9 Detailed Description
9.1 Overview
The TPS6125x synchronous step-up converter typically operates at a quasi-constant 3.5-MHz frequency pulse
width modulation (PWM) at moderate to heavy load currents. At light load currents, the TPS6125x converter
operates in power-save mode with pulse frequency modulation (PFM).
During PWM operation, the converter uses a novel quasi-constant on-time valley current mode control scheme to
achieve excellent line/load regulation and allows the use of a small ceramic inductor and capacitors. Based on
the VIN/VOUT ratio, a simple circuit predicts the required on-time.
At the beginning of the switching cycle, the low-side N-MOS switch is turned-on and the inductor current ramps
up to a peak current that is defined by the on-time and the inductance. In the second phase, once the on-timer
has expired, the rectifier is turned-on and the inductor current decays to a preset valley current threshold. Finally,
the switching cycle repeats by setting the on timer again and activating the low-side N-MOS switch.
In general, a dc/dc step-up converter can only operate in "true" boost mode, i.e. the output “boosted” by a certain
amount above the input voltage. The TPS6125x device operates differently as it can smoothly transition in and
out of zero duty cycle operation. Therefore the output can be kept as close as possible to its regulation limits
even though the converter is subject to an input voltage that tends to be excessive. In this operation mode, the
output current capability of the regulator is limited to ca. 150mA. Refer to Figure 11 for further details.
The current mode architecture with adaptive slope compensation provides excellent transient load response,
requiring minimal output filtering. Internal soft-start and loop compensation simplifies the design process while
minimizing the number of external components.
9.2 Functional Block Diagram
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com