Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS61253
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61253 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS61253_15 Datasheet HTML 14Page - Texas Instruments TPS61253_15 Datasheet HTML 15Page - Texas Instruments TPS61253_15 Datasheet HTML 16Page - Texas Instruments TPS61253_15 Datasheet HTML 17Page - Texas Instruments TPS61253_15 Datasheet HTML 18Page - Texas Instruments TPS61253_15 Datasheet HTML 19Page - Texas Instruments TPS61253_15 Datasheet HTML 20Page - Texas Instruments TPS61253_15 Datasheet HTML 21Page - Texas Instruments TPS61253_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
C
4.7
I
F
C
10 uF
O
SW
VIN
EN
VOUT
BP
GND
L
1 H
V
IN
2.65 V .. 4.85 V
V
OUT
5.0 V @ 700mA
TPS61256
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259
SLVSAG8E – SEPTEMBER 2011 – REVISED MARCH 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
With a wide input voltage range of 2.3 V to 5.5 V, the TPS6125x supports applications powered by Li-Ion
batteries with extended voltage range. Intended for low-power applications, it supports up to 800-mA load current
from a battery discharged as low as 2.65 V and allows the use of low cost chip inductor and capacitors. Different
fixed voltage output versions are available from 3.15 V to 5.0 V. The TPS6125x offers a very small solution size
due to minimum amount of external components. It allows the use of small inductors and input capacitors to
achieve a small solution size. During shutdown, the load is completely disconnected from the battery.
10.2 Typical Application
This section details an application with TPS61256 to output fixed 5.0 V.
Figure 28. Smallest Solution Size Application
10.2.1 Design Requirements
In this example, TPS61256 is used to design a 5-V power supply with up to 700-mA output current capability.
The TPS61256 can be powered by one-cell Li-ion battery, and in this example the input voltage range is from
2.65 V to 4.85 V.
10.2.2 Detailed Design Procedure
Table 3. List of Components
REFERENCE
DESCRIPTION
PART NUMBER, MANUFACTURER(1)
L(2)
1.0
μH, 1.8 A, 48 mΩ, 3.2 x 2.5 x 1.0mm max. height
LQM32PN1R0MG0, muRata
L(3)
1.0
μH, 3.7 A, 37 mΩ, 3.2 x 2.5 x 1.2mm max. height
DFE322512C, TOKO
CI
4.7
μF, 6.3 V, 0402, X5R ceramic
GRM155R60J475M, muRata
CO
10
μF, 6.3 V, 0603, X5R ceramic
GRM188R60J106ME84, muRata
(1)
See Third-Party Products Discalimer
(2)
Inductor used to characterize TPS61254YFF, TPS61255YFF, TPS61256YFF and TPS61257YFF devices.
(3)
Inductor used to characterize TPS61253YFF, TPS61258YFF and TPS61259YFF devices.
10.2.2.1 Inductor Selection
A boost converter normally requires two main passive components for storing energy during the conversion, an
inductor and an output capacitor. It is advisable to select an inductor with a saturation current rating higher than
the possible peak current flowing through the power switches.
The inductor peak current varies as a function of the load, the input and output voltages and can be estimated
using Equation 4.
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com