Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61253
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61253 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61253_15 Datasheet HTML 1Page - Texas Instruments TPS61253_15 Datasheet HTML 2Page - Texas Instruments TPS61253_15 Datasheet HTML 3Page - Texas Instruments TPS61253_15 Datasheet HTML 4Page - Texas Instruments TPS61253_15 Datasheet HTML 5Page - Texas Instruments TPS61253_15 Datasheet HTML 6Page - Texas Instruments TPS61253_15 Datasheet HTML 7Page - Texas Instruments TPS61253_15 Datasheet HTML 8Page - Texas Instruments TPS61253_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
0
10
20
30
40
50
60
70
80
90
100
.
I
- Output
Current
- mA
O
V - Input
Voltage
- V
I
V = 5.0 V
O
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259
SLVSAG8E – SEPTEMBER 2011 – REVISED MARCH 2015
TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
The TPS6125x operates at a regulated 3.5-MHz
1 Features
switching frequency and enters power-save mode
1
93% Efficiency at 3.5-MHz Operation
operation at light load currents to maintain high
21-µA Quiescent Current in Standby Mode
efficiency over the entire load current range. The
PFM mode extends the battery life by reducing the
37-µA Quiescent Current in Normal Operation
quiescent current to 37
μA (typ) during light load
Wide VIN Range From 2.3 V to 5.5 V
operation.
VIN ≥ VOUT Operation
In addition, the TPS6125x device can also maintain
IOUT ≥ 800 mA at VOUT = 4.5 V, VIN ≥ 2.65 V
its output biased at the input voltage level. In this
IOUT ≥ 1000 mA at VOUT = 5.0 V, VIN ≥ 3.3 V
mode, the synchronous rectifier is current limited
allowing external load (e.g. audio amplifier) to be
IOUT ≥ 1500 mA (Peak) at VOUT = 5.0 V, VIN ≥ 3.3
powered with a restricted supply. In this mode, the
V
quiescent current is reduced to 21 µA. During
±2% Total DC Voltage Accuracy
shutdown, the load is completely disconnected from
Light-Load PFM Mode
the battery. Input current in shutdown mode is less
than 1 µA (typ), which maximizes battery life.
Selectable Standby Mode or True Load
Disconnect During Shutdown
The TPS6125x offers a very small solution size due
Thermal Shutdown and Overload Protection
to minimum amount of external components. It allows
the use of small inductors and input capacitors to
Only Three Surface-Mount External Components
achieve a small solution size.
Required
Total Solution Size < 25 mm2
Device Information(1)
9-Pin NanoFreeTM (CSP) Packaging
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6125x
DSBGA (9)
1.206 mm × 1.306 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Cell Phones, Smart Phones
the end of the datasheet.
Mono and Stereo APA Applications
Efficiency vs Load Current
USB Charging Ports (5V)
3 Description
The TPS6125x device provides a power supply
solution for battery-powered portable applications.
Intended for low-power applications, the TPS6125x
supports up to 800-mA load current from a battery
discharged as low as 2.65V and allows the use of low
cost chip inductor and capacitors.
With a wide input voltage range of 2.3 V to 5.5 V, the
device supports applications powered by Li-Ion
batteries with extended voltage range. Different fixed
voltage output versions are available from 3.15 V to
5.0 V.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TPS61253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
High Efficiency Step-Up Converter In Chip Scale Packaging
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
3.5-MHz High Efficiency Step-Up Converter
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com