Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS61253
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61253 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS61253_15 Datasheet HTML 19Page - Texas Instruments TPS61253_15 Datasheet HTML 20Page - Texas Instruments TPS61253_15 Datasheet HTML 21Page - Texas Instruments TPS61253_15 Datasheet HTML 22Page - Texas Instruments TPS61253_15 Datasheet HTML 23Page - Texas Instruments TPS61253_15 Datasheet HTML 24Page - Texas Instruments TPS61253_15 Datasheet HTML 25Page - Texas Instruments TPS61253_15 Datasheet HTML 26Page - Texas Instruments TPS61253_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
VOTG_IN
EN
DET
FLT
VBUS
ADJ
GND
TPD4S214
Data
100nF
10 F
10 µF (x2)
SW
VIN
EN
VOUT
BP
GND
L
1 H
V
IN
3.3 V .. 4.35 V
5 V, up to 1500mA
TPS61253
EN DC/DC
EN APA
CLASS-D APA
HIGH-POWER CLASS-D AUDIO AMPLIFIER
Audio Input R
Audio Input R
D+
ID
D-
4.7µF
V
IO
4.7µF
EN APA
CLASS-D APA
Audio Input L
Audio Input L
4.7µF
USB PHY
5V, 500mA
USB-OTG Port
VUSB
10 F
10 uF (x2)
SW
VIN
EN
VOUT
BP
GND
L
1 H
V
IN
3.3 V .. 4.35 V
5 V, up to 1500mA
TPS61253
Audio Input L
Audio Input L
EN APA
CLASS-D APA
EN DC/DC
EN APA
CLASS-D APA
HIGH-POWER CLASS-D AUDIO AMPLIFIER
Audio Input R
Audio Input R
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259
www.ti.com
SLVSAG8E – SEPTEMBER 2011 – REVISED MARCH 2015
10.3 System Examples
Figure 38. "Boosted" Stereo Audio Power Supply
Figure 39. Single Cell Li-Ion Power Solution for Tablet PCs Featuring
"Boosted" Audio Power Supply and USB-OTG I/F
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com