Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61253
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61253 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61253_15 Datasheet HTML 2Page - Texas Instruments TPS61253_15 Datasheet HTML 3Page - Texas Instruments TPS61253_15 Datasheet HTML 4Page - Texas Instruments TPS61253_15 Datasheet HTML 5Page - Texas Instruments TPS61253_15 Datasheet HTML 6Page - Texas Instruments TPS61253_15 Datasheet HTML 7Page - Texas Instruments TPS61253_15 Datasheet HTML 8Page - Texas Instruments TPS61253_15 Datasheet HTML 9Page - Texas Instruments TPS61253_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259
SLVSAG8E – SEPTEMBER 2011 – REVISED MARCH 2015
www.ti.com
Electrical Characteristics (continued)
Minimum and maximum values are at VIN = 2.3V to 5.5V, EN = 1.8V, TA = –40°C to 85°C; Circuit of Parameter Measurement
Information section (unless otherwise noted). Typical values are at VIN = 3.6V, EN = 1.8V, TA = 25°C (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
2.3V
≤ VIN ≤ 4.85V, IOUT = 0mA
4.92
5
5.08
PWM operation. Open Loop
3.3V
≤ VIN ≤ 4.85V, 0mA ≤ IOUT ≤ 1000mA
4.85
5
5.2
PFM/PWM operation
Regulated DC output voltage
TPS61253
V
3.3V
≤ VIN ≤ 4.85V, 0mA ≤ IOUT ≤ 1500mA
PFM/PWM operation
4.75
5
5.2
Pulsed load test; Pulse width
≤ 20ms;
Duty cycle
≤ 10%
2.3V
≤ VIN ≤ 4.35V, IOUT = 0mA
4.43
4.5
4.57
PWM operation. Open Loop
Regulated DC output voltage
TPS61254
V
2.65V
≤ VIN ≤ 4.35V, 0mA ≤ IOUT ≤ 800mA
4.4
4.5
4.65
PFM/PWM operation
2.3V
≤ VIN ≤ 4.85V, IOUT = 0mA
4.92
5
5.08
PWM operation. Open Loop
Regulated DC output voltage
TPS61256
V
2.65V
≤ VIN ≤ 4.85V, 0mA ≤ IOUT ≤ 700mA
4.9
5
5.2
PFM/PWM operation
VOUT
2.3V
≤ VIN ≤ 4.15V, IOUT = 0mA
4.23
4.3
4.37
PWM operation. Open loop.
Regulated DC output voltage
TPS61257
V
2.65V
≤ VIN ≤ 4.15V, 0mA ≤ IOUT ≤ 800mA
4.2
4.3
4.45
PFM/PWM operation
2.3V
≤ VIN ≤ 4.35V, IOUT = 0mA
4.43
4.5
4.57
PWM operation. Open Loop
3.3V
≤ VIN ≤ 4.35V, 0mA ≤ IOUT ≤ 1500mA
Regulated DC output voltage
TPS61258
V
PFM/PWM operation
4.3
4.5
4.65
Pulsed load test; Pulse width
≤ 20ms;
Duty cycle
≤ 10%
2.3V
≤ VIN ≤ 4.85V, IOUT = 0mA
5.02
5.1
5.18
PWM operation. Open Loop
3.4V
≤ VIN ≤ 4.85V, 0mA ≤ IOUT ≤ 1500mA
Regulated DC output voltage
TPS61259
V
PFM/PWM operation
4.75
5.1
5.3
Pulsed load test; Pulse width
≤ 20ms;
Duty cycle
≤ 10%
Power-save mode output ripple
PFM operation, IOUT = 1mA
45
voltage
TPS61254
Standby mode output ripple
mVpk
EN = GND, BP = VIN, IOUT = 0mA
80
TPS61258
voltage
ΔVOUT
PWM mode output ripple voltage
PWM operation, IOUT = 200mA
20
Power-save mode output ripple
PFM operation, IOUT = 1mA
50
TPS61253
voltage
TPS61256
mVpk
Standby mode output ripple
TPS61259
EN = GND, BP = VIN, IOUT = 0mA
80
voltage
POWER SWITCH
High-side MOSFET on resistance
170
rDS(on)
m
Low-side MOSFET on resistance
100
Ilkg
Reverse leakage current into VOUT
EN = GND, BP = GND
3.5
µA
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com