Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP Datasheet(PDF) 43 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP Datasheet(HTML) 43 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP Datasheet HTML 39Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 40Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 41Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 42Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 43Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 44Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 45Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 46Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
43
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Electrical Specifications
Notes:
1. Minimum and maximum values are for the spec limits: 3.1V, -30C and 2.50V, 70C. All values are
taken at the 50% transition point.
2. Jitter from PIXCLK is already taken into account as the data of all the output parameters.
Notes:
1. Minimum and maximum values are for the spec limits: 1.95V, -30C and 1.70V, 70C. All values are
taken at the 50% transition point.
2. Jitter from PIXCLK is already taken into account as the data of all the output parameters.
tPFL
PIXCLK to FV LOW
PIXCLK slew rate = 4
Parallel slew rate = 7
-2.5
0.5
ns
tPLL
PIXCLK to LV LOW
PIXCLK slew rate = 4
Parallel slew rate = 7
-3.0
0.0
ns
CLOAD
Output load capacitance
10
pF
CIN
Input pin capacitance
2.5
pF
Table 10:
I/O Timing Characteristics (1.8V VDD_IO)1
Conditions: fPIXCLK=74.25MHz (720P60fps) VDD_IO=1.8V;
slew rate setting = 4 for PIXCLK; slew rate setting = 7 for parallel ports
Symbol
Definition
Condition
Min
Typ
Max
Unit
fEXTCLK
Input clock frequency
PLL enabled
6
-
50
MHz
tEXTCLK
Input clock period
PLL enabled
20
-
166
ns
tR
Input clock rise time
-3
-
ns
tF
Input clock fall time
-3
-
ns
Input clock duty cycle
45
50
55
%
tJITTER2
Input clock jitter at 27 MHz
–
600
–
ps
tCP
EXTCLK to PIXCLK propagation
delay
Nominal voltages, PLL Disabled,
slew setting =4
12
20
ns
fPIXCLK
PIXCLK frequency2
674.25
MHz
tRP
Pixel rise time
Slew rate setting = 4
2.50
4.30
7.10
ns
tFP
Pixel fall time
Slew rate setting = 4
2.20
3.80
6.50
ns
PIXCLK duty cycle
PLL enabled
45
50
55
%
tPIXJITTER
Jitter on PIXCLK
1
ns
tPD
PIXCLK to data valid
PIXCLK slew rate = 4
Parallel slew rate = 7
–4.5
–
2.0
ns
tPFH
PIXCLK to FV HIGH
PIXCLK slew rate = 4
Parallel slew rate = 7
–4.0
–
–0.5
ns
tPLH
PIXCLK to LV HIGH
PIXCLK slew rate = 4
Parallel slew rate = 7
–4.0
–
–0.5
ns
tPFL
PIXCLK to FV LOW
PIXCLK slew rate = 4
Parallel slew rate = 7
–4.0
–
–0.5
ns
tPLL
PIXCLK to LV LOW
PIXCLK slew rate = 4
Parallel slew rate = 7
–4.0
–
–0.5
ns
CLOAD
Output load capacitance
10
pF
CIN
Input pin capacitance
2.5
pF
Table 9:
I/O Timing Characteristics (2.8V VDD_IO)1 (continued)
Conditions: fPIXCLK=74.25MHz (720P60fps) VDD_IO=2.8V;
slew rate setting = 4 for PIXCLK; slew rate setting = 7 for parallel ports
Symbol
Definition
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com