Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP Datasheet(PDF) 38 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP Datasheet(HTML) 38 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP Datasheet HTML 34Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 35Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 36Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 37Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 38Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 39Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 40Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 41Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Package Dimensions
Figure 28:
48 iLCC Package Outline Drawing
0.2±0.1
1.250±0.125
1.35±0.05
0.725 TYP
4.45
4.15
0.525 TYP
0.125 TYP
8.9
4.45
Die
Center
Optical
Center
Optical
Area
First
Clear
Pixel
(4.87 CTR)
6.40 CTR CTR
7.28 = 0.10 CTR
(3.67 CTR)
5.2 CTR
6.227 CTR
8
7
2
4
3
6
10±0.075
5±0.075
5±0.075
0.4±0.05
48X
5
3.85
7.7
0.15
0.15 A
A B
B
C
C
3.85
7.7
0.15 A B C
10±0.075
A
0.7 TYP
0.7 TYP
ENCAPSULANT: EPOXY
SUBSTRATE MATERIAL: PLASTIC LAMINATE
0.50 THICKNESS
LID MATERIAL: BOROSILICATE GLASS 0.4 THICKNESS
REFRACTIVE INDEX AT 20°C = 1.5255 @ 546nm & 1.5231 @ 588nm
DOUBLE SIDE AR COATING: 530-570nm R<1%; 420-700nm R<2%
LEAD FINISH: GOLD PLATING, 0.5 MICRONS MINIMUM THICKNESS
IMAGE SENSOR DIE
DIMENSIONS IN MM. DIMENSIONS IN () ARE FOR REFERENCE ONLY.
DO NOT MEASURE PRINTED DRAWING.
NOTES
OPTICAL CENTER = PACKAGE CENTER. DIE CENTER OFFSET FROM PACKAGE CENTER:
X = 0.018, Y = -0.277MM
MAXIMUM ROTATION OF OPTICAL AREA RELATIVE TO PACKAGE EDGES: 1°
MAXIMUM TILT OF OPTICAL AREA RELATIVE TO SEATING PLANE A: 35 MICRONS
MAXIMUM TILT OF OPTICAL AREA RELATIVE TO TOP OF COVER GLASS: 50 MICRONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com