Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP Datasheet(PDF) 25 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP Datasheet HTML 21Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 22Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 23Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 24Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 25Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 26Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 27Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 28Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
25
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Features
Restart
To restart the AR0130 at any time during the operation of the sensor, write a “1” to the
Restart register (R0x301A[1] = 1). This has two effects: first, the current frame is inter-
rupted immediately. Second, any writes to frame-synchronized registers and the shutter
width registers take effect immediately, and a new frame starts (in video mode). The
current row completes before the new frame is started, so the time between issuing the
Restart and the beginning of the next frame can vary by about tROW.
Image Acquisition Modes
The AR0130 supports two image acquisition modes: video (also known as master) and
single frame.
Video
The video mode takes pictures by scanning the rows of the sensor twice. On the first
scan, each row is released from reset, starting the exposure. On the second scan, the row
is sampled, processed, and returned to the reset state. The exposure for any row is there-
fore the time between the first and second scans. Each row is exposed for the same dura-
tion, but at slightly different point in time, which can cause a shear in moving subjects as
is typical with electronic rolling shutter sensors.
Single Frame
The single-frame mode operates similar to the video mode. It also scans the rows of the
sensor twice, first to reset the rows and second to read the rows. Unlike video mode
where a continuous stream of images are output from the image sensor, the single-frame
mode outputs a single frame in response to a high state placed on the TRIGGER input
pin. As long as the TRIGGER pin is held in a high state, new images will be read out. After
the TRIGGER pin is returned to a low state, the image sensor will not output any new
images and will wait for the next high state on the TRIGGER pin.
The TRIGGER pin state is detected during the vertical blanking period (i.e. the FV signal
is low). The pin is level sensitive rather than edge sensitive. As such, image integration
will only begin when the sensor detects that the TRIGGER pin has been held high for 3
consecutive clock cycles.
During integration time of single-frame mode and video mode, the FLASH output pin is
at high.
Continuous Trigger
In certain applications, multiple sensors need to have their video streams synchronized
(E.g. surround view or panorama view applications). The TRIGGER pin can also be used
to synchronize output of multiple image sensors together and still get a video stream.
This is called continuous trigger mode. Continuous trigger is enabled by holding the
TRIGGER pin high. Alternatively, the TRIGGER pin can be held high until the stream bit
is enabled (R0x301A[2]=1) then can be released for continuous synchronized video
streaming.
If the TRIGGER pins for all connected AR0130 sensors are connected to the same control
signal, all sensors will receive the trigger pulse at the same time. If they are configured to
have the same frame timing, then the usage of the TRIGGER pin guarantees that all
sensors will be synchronized within 1 PIXCLK cycle if PLL is disabled, or 2 PIXCLK cycles
if PLL is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com