Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP Datasheet(PDF) 51 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP Datasheet(HTML) 51 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP Datasheet HTML 45Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 46Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 47Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 48Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 49Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 50Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 51Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 52Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 53Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
51
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Revision History
Revision History
Rev. L . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6/9/15
• Updated “Ordering Information” on page 2
Rev. K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4/13/15
• Updated “Ordering Information” on page 2
Rev. J. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/25/15
• Removed Confidential marking
• Updated Table of Contents format
Rev. H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11/11/14
• Updated to ON Semiconductor template
Rev. G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2/25/14
• Updated Table 1, “Key Parameters,” on page 1
• Updated Table 3, “,” on page 2
• Updated Figure 6, Pixel Color Pattern Detail (Top Right Corner)
• Updated “Default Readout Order” on page 12
• Updated note to Table 5, “Frame Time: Long Integration Time,” on page 16
• Updated Equation 2 on page 16
• Updated “Hard Standby” on page 21
• Updated “I/O Timing” on page 42
• Replaced Table 9, “I/O Timing Characteristics with Table 9, “I/O Timing Characteris-
tics (2.8V Vdd_IO)1,” on page 42 and Table 10, “I/O Timing Characteristics (1.8V
Vdd_IO)1,” on page 43
• Added Table 11, “I/O Rise Slew Rate (2.8V Vdd_IO)1,” on page 44
• Added Table 12, “I/O Fall Slew Rate (2.8V Vdd_IO)1,” on page 44
• Added Table 13, “I/O Rise Slew Rate (1.8V Vdd_IO)1,” on page 44
• Added Table 14, “I/O Fall Slew Rate (1.8V Vdd_IO)1,” on page 45
• Added Figure 32: “Power Supply Rejection Ratio,” on page 47
Rev. F . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/14/13
• Updated Table 1, “Key Parameters,” on page 1
• Updated Table 2, “Available Part Numbers,” on page 1
• Updated Note 1 in “General Description” on page 6
• Updated “PLL-Generated Master Clock” on page 18
• Added Figure 13, Enter Standby Timing and Figure 14: “Exit Standby Timing,” on
page 20
• Updated “Bayer Space Resampling” on page 22
• Updated Figure 15: “Six Pixels in Normal and Column Mirror Readout Modes,” on
page 22
• Updated Figure 16: “Six Rows in Normal and Row Mirror Readout Modes,” on page 23
• Updated “Image Acquisition Modes” on page 25
• Updated “Automatic Exposure Control” on page 26
• Updated “Embedded Data and Statistics” on page 26
• Updated “Analog Gain” on page 29
• Updated “Black Level Correction” on page 29
• Updated “Column Triggering on Startup” on page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com