Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP Datasheet(PDF) 40 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP Datasheet(HTML) 40 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP Datasheet HTML 36Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 37Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 38Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 39Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 40Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 41Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 42Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 43Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
40
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Electrical Specifications
Electrical Specifications
Unless otherwise stated, the following specifications apply to the following conditions:
VDD = 1.8V – 0.10/+0.15; VDD_IO = VDD_PLL = VAA = VAA_PIX = 2.8V ± 0.3V;
VDD_SLVS = 0.4V – 0.1/+0.2; TA = -30°C to +70°C; output load = 10pF;
frequency = 74.25 MHz.
Two-Wire Serial Register Interface
The electrical characteristics of the two-wire serial register interface (SCLK, SDATA) are
shown in Figure 30 and Table 8.
Figure 30:
Two-Wire Serial Bus Timing Parameters
Note:
Read sequence: For an 8-bit READ, read waveforms start after READ command and register
address are issued.
S
Sr
tSU;STO
tSU;STA
tHD;STA
tHIGH
tLOW
tSU;DAT
tHD;DAT
tf
SDATA
SCLK
P
S
tBUF
tr
tf
tr
tHD;STA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com