Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP Datasheet(PDF) 27 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP Datasheet(HTML) 27 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP Datasheet HTML 23Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 24Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 25Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 26Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 27Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 28Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 29Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 30Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
27
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Features
Embedded Data
The embedded data contains the configuration of the image being displayed. This
includes all register settings used to capture the current frame. The registers embedded
in these rows are as follows:
Line 1: Registers R0x3000 to R0x312F
Line 2: Registers R0x3136 to R0x31BF, R0x31D0 to R0x31FF
Note:
All undefined registers will have a value of 0.
In parallel mode, since the pixel word depth is 12-bits/pixel, the sensor 16-bit register
data will be transferred over 2 pixels where the register data will be broken up into 8 MSB
and 8 LSB. The alignment of the 8-bit data will be on the 8 MSB bits of the 12-bit pixel
word. For example, of a register value of 0x1234 is to be transmitted, it will be trans-
mitted over 2, 12-bit pixels as follows: 0x120, 0x340.
The first pixel of each line in the embedded data is a tag value of 0x0A0. This signifies
that all subsequent data is 8 bit data aligned to the MSB of the 12-bit pixel.
The figure below summarizes how the embedded data transmission looks like. It should
be noted that data, as shown in Figure 18, is aligned to the MSB of each word:
Figure 18:
Format of Embedded Data Output within a Frame
The data embedded in these rows are as follows:
•0x0A0 - identifier
• 0xAA0
• Register Address MSB of the first register
•0xA50
• Register Address LSB of the first register
•0x5A0
• Register Value MSB of the first register addressed
•0x5A0
• Register Value LSB of the first register addressed
•0x5A0
• Register Value MSB of the register at first address + 2
•0x5A0
• Register Value LSB of the register at first address + 2
•0x5A0
•etc.
{register_
value_LSB}
8'h5A
Data line 1
Data line 2
8'h5A
8'hAA
{register_
address_MSB}
8'hA5
{register_
address_LSB}
8'h5A
{register_
value_MSB}
8'h5A
{register_
value_LSB}
data_format_
code =8'h0A
8'hAA
{register_
address_MSB}
8'hA5
{register_
address_LSB}
8'h5A
{register_
value_MSB}
8'h5A
data_format_
code =8'h0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com