Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP Datasheet(PDF) 49 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP Datasheet(HTML) 49 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP Datasheet HTML 45Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 46Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 47Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 48Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 49Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 50Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 51Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 52Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 53Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
49
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Power-On Reset and Standby Timing
Notes:
1. Xtal settling time is component-dependent, usually taking about 10 – 100 mS.
2. Hard reset time is the minimum time required after power rails are settled. In a circuit where Hard
reset is held down by RC circuit, then the RC time must include the all power rail settle time and
Xtal settle time.
3. It is critical that VDD_PLL is not powered up after the other power supplies. It must be powered
before or at least at the same time as the others. If the case happens that VDD_PLL is powered after
other supplies then sensor may have functionality issues and will experience high current draw on
this supply.
4. For the case where VDD_IO is 2.8V and VDD is 1.8V, it is recommended that the minimum time be
5s.
Table 19:
Power-Up Sequence
Definition
Symbol
Minimum
Typical
Maximum
Unit
VDD_PLL to VAA/VAA_PIX3
t0
0
10
–
s
VAA/VAA_PIX to VDD
t1
0
10
–
s
VDD to VDD_IO
t2
04
10
–
s
VDD_IO to VDD_SLVS
t3
0
10
–
s
Xtal settle time
tx
–
301
–ms
Hard Reset
t4
12
––
ms
Internal Initialization
t5
150000
–
–
EXTCLKs
PLL Lock Time
t6
1
–
–
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com