Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP Datasheet(PDF) 21 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP Datasheet HTML 17Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 18Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 19Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 20Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 21Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 22Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 23Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 24Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
21
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Features
Hard Standby
Hard Standby puts the sensor in lower power state; previously written register settings
are still maintained.
A specific sequence needs to be followed to enter and exit from Hard Standby.
To Enter Hard Standby:
1. R0x301A[8] = 1
2. R0x301A[12] = 1 if serial mode was used
3. Assert STANDBY pin
4. External clock can be turned off to further minimize power consumption (Optional)
To Exit Hard Standby:
1. Enable external clock if it was turned off
2. De-assert STANDBY pin
3. Set R0x301A[8] = 0
Window Control
Registers x_addr_start, x_addr_end, y_addr_start, and y_addr_end control the size and
starting coordinates of the image window.
The exact window height and width out of the sensor is determined by the difference
between the Y address start and end registers or the X address start and end registers,
respectively.
The AR0130 allows different window sizes for context A and context B.
Blanking Control
Horizontal blank and vertical blank times are controlled by the line_length_pck and
frame_length_lines registers, respectively.
• Horizontal blanking is specified in terms of pixel clocks. It is calculated by subtracting
the X window size from the line_length_pck register. The minimum horizontal
blanking is 110 pixel clocks.
• Vertical blanking is specified in terms of numbers of lines. It is calculated by
subtracting the Y window size from the frame_length_lines register. The minimum
vertical blanking is 26 lines.
The actual imager timing can be calculated using Table 4 on page 15 and Table 5 on
page 16, which describe the Line Timing and FV/LV signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com