Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF200
Description  REF200 Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF200 Datasheet(HTML) 5 Page - Texas Instruments

  REF200 Datasheet HTML 1Page - Texas Instruments REF200 Datasheet HTML 2Page - Texas Instruments REF200 Datasheet HTML 3Page - Texas Instruments REF200 Datasheet HTML 4Page - Texas Instruments REF200 Datasheet HTML 5Page - Texas Instruments REF200 Datasheet HTML 6Page - Texas Instruments REF200 Datasheet HTML 7Page - Texas Instruments REF200 Datasheet HTML 8Page - Texas Instruments REF200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
1000
900
800
700
600
500
400
300
200
100
0
0
–2
–4
–6
–8
–10
–12
Reverse Voltage (V)
Reverse Voltage
Circuit Model
12kW
7V
5kW
Safe Reverse Current
Safe Reverse Voltage
101
100.8
100.6
100.4
100.2
100
99.8
99.6
99.4
99.2
99
0
5
10
15
20
25
30
35
40
Voltage (V)
0
100.5
100.4
100.3
100.2
100.1
100
99.9
99.8
99.7
99.6
99.5
Voltage (V)
1
2
3
4
5
–55°C
25°C
125°C
100.1
100
99.9
99.8
99.7
99.6
99.5
–25
–50
25
75
50
125
100
0
Temperature (°C)
85°C
Drift specified by
“box method”
(See text)
600
500
400
300
200
100
0
5
0
10
Temperature Drift (ppm/°C)
Distribution of three
production lots —
1284 Current Sources.
20
15
25
35
30
40
50
45
55
65
60
2
5
117
30 15
6
0
1
1
501
454
86
66
REF200
www.ti.com
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
6.5 Typical Characteristics
at TA = 25°C, VS = 15 V (unless otherwise noted)
Figure 1. Current Source Typical Drift vs Temperature
Figure 2. Current Source Temperature Drift Distribution
Figure 4. Current Source Output Current vs Voltage
Figure 3. Current Source Output Current vs Voltage
Figure 6. Current Source Reverse Current vs Reverse
Figure 5. Current Source Current Noise (0.1 Hz to 10 Hz)
Voltage
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com