Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # REF200
Description  REF200 Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF200 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF200 Datasheet HTML 11Page - Texas Instruments REF200 Datasheet HTML 12Page - Texas Instruments REF200 Datasheet HTML 13Page - Texas Instruments REF200 Datasheet HTML 14Page - Texas Instruments REF200 Datasheet HTML 15Page - Texas Instruments REF200 Datasheet HTML 16Page - Texas Instruments REF200 Datasheet HTML 17Page - Texas Instruments REF200 Datasheet HTML 18Page - Texas Instruments REF200 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
To
Other
Amps
Op Amp
V
R
+V
NOTE: (1) For N Op Amps, use Potentiometer Resistance = N • 100 .
100µA
51
51
S
IN
B
OUT
A
R
V
–V
Using Standard Potentiometer
S
V
= V (–R /R )
Offset Adjustment Range = ±5mV
OUT
IN
B
A
To
Other
Amps
Op Amp
V
R
+V
100µA
S
IN
B
OUT
A
R
V
–V
Using Bourns Op Amp Trimpot
S
V
= –V (R /R )
Offset Adjustment Range = ±5mV
OUT
IN
B
A
(1)
100
Bourns Trimpot
®
(1)
®
2k
Linear
100µA
100µA
REF200
www.ti.com
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
System Examples (continued)
Figure 24. Operational Amplifier Offset Adjustment Circuits
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com