Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # REF200
Description  REF200 Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF200 Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF200 Datasheet HTML 19Page - Texas Instruments REF200 Datasheet HTML 20Page - Texas Instruments REF200 Datasheet HTML 21Page - Texas Instruments REF200 Datasheet HTML 22Page - Texas Instruments REF200 Datasheet HTML 23Page - Texas Instruments REF200 Datasheet HTML 24Page - Texas Instruments REF200 Datasheet HTML 25Page - Texas Instruments REF200 Datasheet HTML 26Page - Texas Instruments REF200 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
R
(50 k )
OPA121
100 µF
V
O
OPA121
V
I
100 µA
1 k
1N4148
V = V (V < 5 V)
V = 5 V (V > 5 V)
(V
= 100 µA • R)
O
O
I
I
I
LIMIT
–10
–5
+5
+10
–10
–5
+5
+10
O
V
V
I
+7.5 V (R = 75 k )
+5 V (R = 50 k )
+2.5 V (R = 25 k )
100 µA
with bridge
(1)
OPA121
100 µF
V
O
OPA121
V
I
R
(50 k )
1 k
V = V (–5 V < V < 5 V)
V = 5 V (V > 5 V)
V = –5 V (V < –5 V)
(Bound = 100 µA • R)
O
O
O
I
I
I
I
–10
–5
+5
+10
–10
–5
+5
+10
O
V
V
I
+7.5 V (R = 75 k )
+5 V (R = 50 k )
+2.5 V (R = 25 k )
–2.5 V (R = 25 k )
+5 V (R = 50 k )
+7.5 V (R = 75 k )
100 µA
10 k
+V
V = 1 V
S
O
OPA602
0.01 µF
REF200
www.ti.com
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
System Examples (continued)
Figure 37. Voltage Reference
(1)
See Figure 17.
Figure 38. Bipolar Limiting Circuit
Figure 39. Limiting Circuit
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com