Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # REF200
Description  REF200 Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF200 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF200 Datasheet HTML 10Page - Texas Instruments REF200 Datasheet HTML 11Page - Texas Instruments REF200 Datasheet HTML 12Page - Texas Instruments REF200 Datasheet HTML 13Page - Texas Instruments REF200 Datasheet HTML 14Page - Texas Instruments REF200 Datasheet HTML 15Page - Texas Instruments REF200 Datasheet HTML 16Page - Texas Instruments REF200 Datasheet HTML 17Page - Texas Instruments REF200 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
100µA
100µA
±
±
40k
40k
0.01µF
0.01µF
1N4148
1N4148
1N4148
1N4148
(e) Bidirectional 200µA
cascoded current source.
100µA
100µA
40k
40k
0.01µF
0.01µF
(d) Floating 200µA cascoded
current source.
100µA
L
o
a
d
–VS
+V
S
(a) Compliance approximate
to Gnd. HV compliance
limited by FET breakdown.
100µA
L
o
a
d
+V
S
(b) Compliance to +V – 5V.
High
Low
100µA
–VS
33k
0.01µF
S
100µA
L
o
a
d
+V
S
(c)
–VS
27k
5.1V
1N4689
NOTES: (1) FET cascoded current sources offer improved output impedance and high frequency operation. Circuit in (b)
also provides improved PSRR. (2) For current sinks (Circuits (a) and (b) only), invert circuits and use “N” channel JFETS.
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
www.ti.com
System Examples (continued)
Figure 23. FET Cascode Circuits
14
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com