Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF200
Description  REF200 Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF200 Datasheet(HTML) 1 Page - Texas Instruments

  REF200 Datasheet HTML 1Page - Texas Instruments REF200 Datasheet HTML 2Page - Texas Instruments REF200 Datasheet HTML 3Page - Texas Instruments REF200 Datasheet HTML 4Page - Texas Instruments REF200 Datasheet HTML 5Page - Texas Instruments REF200 Datasheet HTML 6Page - Texas Instruments REF200 Datasheet HTML 7Page - Texas Instruments REF200 Datasheet HTML 8Page - Texas Instruments REF200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
I
High
I
High
Substrate
Mirror
In
I
Low
I
Low
Mirror
Out
Mirror
Common
1
2
1
2
8
7
6
5
1
2
3
4
100µA
100µA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
REF200 Dual Current Source and Current Sink
1 Features
3 Description
The REF200 combines three circuit building-blocks
1
•
Completely Floating: No Power Supply or Ground
on a single monolithic chip: two 100-µA current
Connections
sources and a current mirror. The sections are
•
High Accuracy: 100 µA ±0.5%
dielectrically
isolated,
making
them
completely
•
Low Temperature Coefficient: ±25 ppm/°C
independent. Also, because the current sources are
two-terminal devices, they can be used equally well
•
Wide Voltage Compliance: 2.5 V to 40 V
as current sinks. The performance of each section is
•
Includes Current Mirror
individually measured and laser-trimmed to achieve
high accuracy at low cost.
2 Applications
The sections can be pin-strapped for currents of 50
•
Sensor Excitation
µA, 100 µA, 200 µA, 300 µA, or 400 µA. External
•
Biasing Circuitry
circuitry can obtain virtually any current. These and
many other circuit techniques are shown in the
•
Offsetting Current Loops
Application Information section of this data sheet.
•
Low Voltage References
The REF200 is available in an SOIC package.
•
Charge-pump Circuitry
•
Hybrid Microcircuits
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
REF200
SOIC (8)
3.91 mm × 4.90 mm
(1) For all available packages, see the package addendum at the
end of the data sheet.
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
Dual Current Source and Current Sink
logo
Burr-Brown (TI)
REF200AP BURR-BROWN-REF200AP Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200AP BURR-BROWN-REF200AP Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
More results

Similar Description - REF200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Maxim Integrated Produc...
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Texas Instruments
LP2996MRX-NOPB TI-LP2996MRX-NOPB Datasheet
1Mb / 26P
Source and Sink Current, Low Output Voltage Offset
REF200 TI1-REF200 Datasheet
1Mb / 34P
Dual Current Source and Current Sink
logo
Maxim Integrated Produc...
MAX5048C MAXIM-MAX5048C Datasheet
1Mb / 11P
7A Sink/3A Source Current
Rev 1; 1/15
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com