Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF200
Description  REF200 Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF200 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF200 Datasheet HTML 9Page - Texas Instruments REF200 Datasheet HTML 10Page - Texas Instruments REF200 Datasheet HTML 11Page - Texas Instruments REF200 Datasheet HTML 12Page - Texas Instruments REF200 Datasheet HTML 13Page - Texas Instruments REF200 Datasheet HTML 14Page - Texas Instruments REF200 Datasheet HTML 15Page - Texas Instruments REF200 Datasheet HTML 16Page - Texas Instruments REF200 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
101
100
99
0
10
20
30
40
50
60
70
80
Applied Voltage (V)
Provides 2X Higher Compliance Voltage
SERIES-CONNECTED CURRENT SOURCES
CURRENT vs APPLIED VOLTAGE
100µA
100µA
High
Low
100µA/200µA
4
5
3
In
Out
Com
Mirror
S
Compliance to –V + 1.5V
+V
S
100µA
100µA
S
–V
(b)
50 µA
100 µA
4
5
3
In
Out
Com
Mirror
–V
S
100 k
50 µA
100 µA
4
5
3
In
Out
Com
Mirror
(c)
Compliance to
–V + 5.1 V
S
+V
S
–V
S
5.1 V
1N4689
27 k
0.01 µF
100 µA
4
5
3
In
Out
Com
Mirror
(a)
–V
S
Compliance to
–V + 5 V
S
+V
S
100 µA
50 µA
Compliance to
Ground
300µA
100µA
4
5
3
In
Out
Com
Mirror
100µA
Compliance = 4V
(b)
400µA
100µA
4
5
3
In
Out
Com
Mirror
100µA
Compliance = 4V
(c)
(a)
200µA
100µA
100µA
REF200
www.ti.com
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
System Examples (continued)
Figure 19. 200-µA, 300-µA, and 400-µA Floating Current Sources
Figure 20. 50-µA Current Sinks
Figure 21. Improved Low-Voltage Compliance
Figure 22. 100-µA Current Source—80-V Compliance
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com