Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # REF200
Description  REF200 Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF200 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF200 Datasheet HTML 14Page - Texas Instruments REF200 Datasheet HTML 15Page - Texas Instruments REF200 Datasheet HTML 16Page - Texas Instruments REF200 Datasheet HTML 17Page - Texas Instruments REF200 Datasheet HTML 18Page - Texas Instruments REF200 Datasheet HTML 19Page - Texas Instruments REF200 Datasheet HTML 20Page - Texas Instruments REF200 Datasheet HTML 21Page - Texas Instruments REF200 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
–15 V
100 µA
0.1 µF
Siliconix
J109
50k
I
OUT
For current source,
invert circuitry and
use P-Channel FET.
100
NŸ
1/4
OPA404
100 µA + Bridge
(1)
VIN = 10 V: 100% Duty Cycle
12 Vp-p
Duty Cycle Out
C
V
IN
100 µA + Bridge
(1)
1/4
OPA404
1/4
OPA404
60 k
VIN =
0 V: 50% Duty Cycle
VIN =
±10 V:
0% Duty Cycle
¦10 V ” VIN ”10 V
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
www.ti.com
System Examples (continued)
(1)
See Figure 27.
Figure 28. Precision Duty-Cycle Modulator
Figure 29. Low Noise Current Sink
18
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com