Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF200
Description  REF200 Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF200 Datasheet(HTML) 3 Page - Texas Instruments

  REF200 Datasheet HTML 1Page - Texas Instruments REF200 Datasheet HTML 2Page - Texas Instruments REF200 Datasheet HTML 3Page - Texas Instruments REF200 Datasheet HTML 4Page - Texas Instruments REF200 Datasheet HTML 5Page - Texas Instruments REF200 Datasheet HTML 6Page - Texas Instruments REF200 Datasheet HTML 7Page - Texas Instruments REF200 Datasheet HTML 8Page - Texas Instruments REF200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
I
I
Substrate
Mirror Input
Low
Low
Mirror Common
Mirror Output
1
2
3
4
8
7
6
5
1
2
High
High
1
2
I
I
REF200
www.ti.com
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
I1 Low
1
Current source 1 low terminal
I2 Low
2
Current source 2 low terminal
Mirror Common
3
Current mirror common terminal
Mirror Output
4
Current mirror output terminal
Mirror Input
5
Current mirror input terminal
Substrate
6
Substrate (Usually connected to most negative potential in the system)
I2 High
7
Current source 2 high terminal
I1 High
8
Current source 1 high terminal
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com