Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5307 Datasheet HTML 1Page - ON Semiconductor CS5307 Datasheet HTML 2Page - ON Semiconductor CS5307 Datasheet HTML 3Page - ON Semiconductor CS5307 Datasheet HTML 4Page - ON Semiconductor CS5307 Datasheet HTML 5Page - ON Semiconductor CS5307 Datasheet HTML 6Page - ON Semiconductor CS5307 Datasheet HTML 7Page - ON Semiconductor CS5307 Datasheet HTML 8Page - ON Semiconductor CS5307 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CS5307
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCC < 14 V; CGATEx = 100 pF,
CCOMP = 0.01μF, CSS = 0.1μF, CVCC = 0.1μF, RROSC = 32.4 kΩ, VOCSET = 0.54 V, DAC Code 01110; unless otherwise stated.)
Parameter
Unit
Max
Typ
Min
Test Conditions
Voltage Identification DAC (0 = Connected to GND, 1 = Open or Pull−Up to Internal 3.3 V or External Voltage 12 V) (continued)
Pull−Up Voltage
1.0 MΩ to GND
2.5
2.7
3.0
V
Power Good Output
Upper Threshold
Force PWRGDS
1.876 (−5%)
1.975
2.074 (+5%)
V
Lower Threshold
Force PWRGDS
−5%
VID/2
+5%
V
Switch Leakage Current
VCC = 14 V, PWRGDS = 1.4 V
−
0.1
1.0
μA
Delay
PWRGDS low to PWRGD low
100
800
2000
μs
Output Low Voltage
PWRGDS = 1.0 V,
IPWRGD = 4.0 mA
−
0.15
0.4
V
Voltage Feedback Error Amplifier
VFB Bias Current
Note 2
9.9
10.25
10.6
μA
Comp Source Current
COMP = 0.5 V to 2.0 V,
VFB = 1.8 V, DAC = 00000
15
30
60
μA
Comp Sink Current
COMP = 0.5 V to 2.0 V,
VFB = 1.15 V, DAC = 11110
15
30
60
μA
Transconductance
−10 μA < ICOMP < +10 μA, Note 3
200
500
750
μmho
Output Impedance
−
−
2.5
−
MΩ
Open Loop DC Gain
Note 3
45
95
−
dB
Unity Gain Bandwidth
−
−
50
−
kHZ
PSRR @ 1.0 kHz
−
−
60
−
dB
COMP Max Voltage
VFB = 0 V
2.4
2.7
−
V
COMP Min Voltage
VFB = 1.6 V
−
50
150
mV
PWM Comparators
Minimum Pulse Width
Measured from CSx to GATEx,
VFB = CSREF = 0.5 V,
COMP = 0.5 V,
60 mV step on CSx;
measure at GATEx = 1.0 V
−
40
70
ns
Transient Response Time
Measured from CSREF to GATEx,
COMP = 2.1 V,
CSx = CSREF = 0.5 V,
CSREF stepped
from 1.2 V − 2.0 V
−
40
60
ns
Channel Start−Up Offset
CSx = CSREF = VFB = 0 V,
measure VCOMP when GATEx
switch high
350
600
750
mV
Artificial Ramp Amplitude
50% Duty Cycle, Note 3
−
115
−
mV
Gates
High Voltage
Measure GATEx
IGATEx = 1.0 mA
2.0
2.6
3.0
V
Low Voltage
Measure GATEx, IGATEx = 1.0 mA
−
0.5
0.7
V
2. The VFB Bias Current changes with the value of ROSC per Figure 4.
3. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com