Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5307 Datasheet HTML 1Page - ON Semiconductor CS5307 Datasheet HTML 2Page - ON Semiconductor CS5307 Datasheet HTML 3Page - ON Semiconductor CS5307 Datasheet HTML 4Page - ON Semiconductor CS5307 Datasheet HTML 5Page - ON Semiconductor CS5307 Datasheet HTML 6Page - ON Semiconductor CS5307 Datasheet HTML 7Page - ON Semiconductor CS5307 Datasheet HTML 8Page - ON Semiconductor CS5307 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CS5307
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Storage Temperature Range
−65 to 150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Package Thermal Resistance
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
16
80
°C/W
°C/W
Lead Temperature Soldering: Reflow (Note 1.)
230 peak
°C
MSL
Level 1
−
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Number
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
1
GND
N/A
N/A
0.4 A, 1.0 μs, 100 mA DC
N/A
2
OCSET
7.0 V
−0.3 V
1.0 mA
1.0 mA
3
ROSC
7.0 V
−0.3 V
1.0 mA
1.0 mA
4−7
CS1−CS4
7.0 V
−0.3 V
1.0 mA
1.0 mA
8
CSREF
7.0 V
−0.3 V
1.0 mA
1.0 mA
9
VDRP
7.0 V
−0.3 V
1.0 mA
1.0 mA
10
VFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
11
COMP
7.0 V
−0.3 V
1.0 mA
1.0 mA
12
SS
7.0 V
−0.3 V
1.0 mA
1.0 mA
13
PWRGD
18 V
−0.3 V
1.0 mA
10 mA
14
PWRGDS
7.0 V
−0.3 V
1.0 mA
1.0 mA
15−19
VID4−VID0
18 V
−0.3 V
1.0 mA
1.0 mA
20−23
GATE4−GATE1
7.0 V
−0.3 V
0.1 A, 1.0 μs, 25 mA DC 0.1 A, 1.0 μs, 25 mA DC
24
VCC
18 V
−0.3 V
100 mA
1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com