Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5307 Datasheet HTML 1Page - ON Semiconductor CS5307 Datasheet HTML 2Page - ON Semiconductor CS5307 Datasheet HTML 3Page - ON Semiconductor CS5307 Datasheet HTML 4Page - ON Semiconductor CS5307 Datasheet HTML 5Page - ON Semiconductor CS5307 Datasheet HTML 6Page - ON Semiconductor CS5307 Datasheet HTML 7Page - ON Semiconductor CS5307 Datasheet HTML 8Page - ON Semiconductor CS5307 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
CS5307
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCC < 14 V; CGATEx = 100 pF,
CCOMP = 0.01μF, CSS = 0.1μF, CVCC = 0.1μF, RROSC = 32.4 kΩ, VOCSET = 0.54 V, DAC Code 01110; unless otherwise stated.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Voltage Identification DAC (0 = Connected to GND, 1 = Open or Pull−Up to Internal 3.3 V or External Voltage 12 V)
Accuracy (all codes)
VID code
Connect VFB to COMP,
Measure COMP
−1.0
−
+1.0
%
VID4 VID3 VID2 VID1 VID0
1
1
1
1
1
Fault
1
1
1
1
0
1.089
1.100
1.111
V
1
1
1
0
1
1.114
1.125
1.136
V
1
1
1
0
0
1.139
1.150
1.162
V
1
1
0
1
1
1.163
1.175
1.187
V
1
1
0
1
0
1.188
1.200
1.212
V
1
1
0
0
1
1.213
1.225
1.237
V
1
1
0
0
0
1.238
1.250
1.263
V
1
0
1
1
1
1.263
1.275
1.288
V
1
0
1
1
0
1.287
1.300
1.313
V
1
0
1
0
1
1.312
1.325
1.338
V
1
0
1
0
0
1.337
1.350
1.364
V
1
0
0
1
1
1.361
1.375
1.389
V
1
0
0
1
0
1.386
1.400
1.414
V
1
0
0
0
1
1.411
1.425
1.439
V
1
0
0
0
0
1.436
1.450
1.465
V
0
1
1
1
1
1.460
1.475
1.490
V
0
1
1
1
0
1.485
1.500
1.515
V
0
1
1
0
1
1.510
1.525
1.540
V
0
1
1
0
0
1.535
1.550
1.566
V
0
1
0
1
1
1.560
1.575
1.591
V
0
1
0
1
0
1.584
1.600
1.616
V
0
1
0
0
1
1.609
1.625
1.641
V
0
1
0
0
0
1.634
1.650
1.667
V
0
0
1
1
1
1.658
1.675
1.692
V
0
0
1
1
0
1.683
1.700
1.717
V
0
0
1
0
1
1.708
1.725
1.742
V
0
0
1
0
0
1.733
1.750
1.768
V
0
0
0
1
1
1.757
1.775
1.793
V
0
0
0
1
0
1.782
1.800
1.818
V
0
0
0
0
1
1.807
1.825
1.843
V
0
0
0
0
0
1.832
1.850
1.869
V
Input Threshold
VID4, VID3, VID2, VID1, VID0
1.00
1.25
1.5
V
Input Pull−Up Resistance
0 V < VID4, VID3, VID2,VID1,
VID0 < 3.3 V
25
50
100
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com