Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307 Datasheet(PDF) 20 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button CS5307 Datasheet HTML 16Page - ON Semiconductor CS5307 Datasheet HTML 17Page - ON Semiconductor CS5307 Datasheet HTML 18Page - ON Semiconductor CS5307 Datasheet HTML 19Page - ON Semiconductor CS5307 Datasheet HTML 20Page - ON Semiconductor CS5307 Datasheet HTML 21Page - ON Semiconductor CS5307 Datasheet HTML 22Page - ON Semiconductor CS5307 Datasheet HTML 23Page - ON Semiconductor CS5307 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
CS5307
http://onsemi.com
20
Vfdiode is the forward voltage of the MOSFET’s intrinsic
diode at the converter output current.
t_nonoverlap is the non−overlap time between the upper
and lower gate drivers to prevent cross conduction.
This time is usually specified in the data sheet for the
control IC.
When the MOSFET power dissipations are known, the
designer can calculate the required thermal impedance to
maintain a specified junction temperature at the worst case
ambient operating temperature.
qT t (TJ * TA) PD
(28)
where:
θT is the total thermal impedance (θJC + θSA);
θJC is the junction−to−case thermal impedance of the
MOSFET;
θSA is the sink−to−ambient thermal impedance of the
heatsink assuming direct mounting of the MOSFET (no
thermal “pad” is used);
TJ is the specified maximum allowed junction
temperature;
TA is the worst case ambient operating temperature.
For TO−220 and TO−263 packages, standard FR−4
copper clad circuit boards will have approximate thermal
resistances (θSA) as shown below:
Pad Size
(in2/mm2)
Single−Sided
1 oz. Copper
0.50/323
60−65°C/W
0.75/484
55−60°C/W
1.00/645
50−55°C/W
1.50/968
45−50°C/W
As with any power design, proper laboratory testing
should be performed to insure the design will dissipate the
required power under worst case operating conditions.
Variables considered during testing should include
maximum ambient temperature, minimum airflow,
maximum input voltage, maximum loading and component
variations (i.e., worst case MOSFET RDS(on)). Also, the
inductors and capacitors share the MOSFET’s heatsinks and
will add heat and raise the temperature of the circuit board
and MOSFET. For any new design, it is advisable to have as
much heatsink area as possible. All too often, new designs are
found to be too hot and require re−design to add heatsinking.
6. Adaptive Voltage Positioning
There are two resistors that determine the Adaptive
Voltage Positioning: RFB and RDRP. RFB establishes the
no−load “high” voltage position and RDRP determines the
full−load “droop” voltage.
Resistor RFB is connected between VCORE and the VFB
pin of the controller. At no load, this resistor will conduct the
internal bias current of the VFB pin and develop a voltage
drop from VCORE to the VFB pin. Because the error amplifier
regulates VFB to the DAC setting, the output voltage,
VCORE, will be lower by the amount IBIASVFB ⋅ RFB. This
condition is shown in Figure 24.
To calculate RFB, the designer must specify the no−load
voltage decrease below the VID setting (ΔVNO−LOAD) and
determine the VFB bias current. Usually, the no−load voltage
increase is specified in the design guide for the processor
that is available from the manufacturer. The VFB bias current
is determined by the value of the resistor from ROSC to
ground (see Figure 4 in the data sheet for a graph of
IBIASVFB versus ROSC). The value of RFB can then be
calculated:
RFB + DVNO−LOAD IBIASVFB
(29)
+
−
Σ
RCS1
CS1
CCS1
L1
0 A
GVDRP
+
−
RCSx
CSx
CCSx
Lx
0 A
GVDRP
CSREF
COMP
Error
Amp
VID Setting
IBIASVFB
RDRP
RFB
VDRP = VID
VFB = VID
VCORE
IDRP = 0
IFB = IBIASVFB
VCORE = VID + IBIASVFB w RFB
Figure 24. AVP Circuitry at No−Load
+ −



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com