Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5307 Datasheet(PDF) 22 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button CS5307 Datasheet HTML 16Page - ON Semiconductor CS5307 Datasheet HTML 17Page - ON Semiconductor CS5307 Datasheet HTML 18Page - ON Semiconductor CS5307 Datasheet HTML 19Page - ON Semiconductor CS5307 Datasheet HTML 20Page - ON Semiconductor CS5307 Datasheet HTML 21Page - ON Semiconductor CS5307 Datasheet HTML 22Page - ON Semiconductor CS5307 Datasheet HTML 23Page - ON Semiconductor CS5307 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
CS5307
http://onsemi.com
22
Figure 28. VDRP Tuning Waveforms. The RC Time
Constant of the Current Sense Network Is Optimal:
VDRP and VOUT Respond to the Load Current Quickly
Without Overshooting.
Figure 29. The Value of CAMP Is Too High and the
Loop Gain/Bandwidth Too Low. COMP Slews Too
Slowly Which Results in Overshoot in VOUT.
For resistive current sensing, choose the current sense
network (RCSx, CCSx, x = 1, 2, 3, or 4) to satisfy
RCSx @ CCSx + Lo (Rsense)
(33)
This will provide an adequate starting point for RCSx and
CCSx. After the converter is constructed, the value of RCSx
(and/or CCSx) should be fine−tuned in the lab by observing
the VDRP signal during a step change in load current. Tune
the RCSx ⋅ CCSx network to provide a “square−wave” at the
VDRP output pin with maximum rise time and minimal
overshoot as shown in Figure 28.
8. Error Amplifier Tuning
After the steady−state (static) AVP has been set and the
current sense network has been optimized, the Error
Amplifier must be tuned. The gain of the Error Amplifier
should be adjusted to provide an acceptable transient
response by increasing or decreasing the Error Amplifier’s
feedback capacitor (CAMP in the Applications Diagram).
The bandwidth of the control loop will vary directly with the
gain of the error amplifier.
If CAMP is too large, the loop gain/bandwidth will be low,
the COMP pin will slew too slowly and the output voltage
will overshoot as shown in Figure 29. On the other hand, if
CAMP is too small, the loop gain/bandwidth will be high, the
COMP pin will slew very quickly and overshoot will occur.
Integrator “wind up” is the cause of the overshoot. In this
case, the output voltage will transition more slowly because
COMP spikes upward as shown in Figure 30. Too much loop
gain/bandwidth increases the risk of instability. In general,
one should use the lowest loop gain/bandwidth possible to
achieve acceptable transient response. This will insure good
stability. If CAMP is optimal, the COMP pin will slew
quickly but not overshoot and the output voltage will
monotonically settle as shown in Figure 32.
After the control loop is tuned to provide an acceptable
transient response, the steady−state voltage ripple on the
COMP pin should be examined. When the converter is
operating at full steady−state load, the peak−to−peak voltage
ripple (VPP) on the COMP pin should be less than 20 mVPP
as shown in Figure 31. Less than 10 mVPP is ideal. Excessive
ripple on the COMP pin will contribute to jitter.
9. Current Limit Setting
When the output of the current sense amplifier (COx in the
block diagram) exceeds the voltage on the ILIM pin, the part
will enter hiccup mode. For inductive sensing, the OCSET
pin voltage should be set based on the inductor’s maximum
resistance (RLMAX). The design must consider the
inductor’s resistance increase due to current heating and
ambient temperature rise. Also, depending on the current
sense points, the circuit board may add additional resistance.
In general, the temperature coefficient of copper is +0.39%
per
_C. If using a current sense resistor (RSENSE), the
OCSET pin voltage should be set based on the maximum
value of the sense resistor. To set the level of the OCSET pin:
Figure 30. The Value of CAMP Is Too Low and the
Loop Gain/Bandwidth Too High. COMP Moves Too
Quickly, Which Is Evident from the Small Spike in Its
Voltage When the Load Is Applied or Removed. The
Output Voltage Transitions More Slowly Because of
the COMP Spike.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com